Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC3SD11YVZ Datasheet(PDF) 6 Page - Sharp Corporation

Part # PC3SD11YVZ
Description  Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3SD11YVZ Datasheet(HTML) 6 Page - Sharp Corporation

Back Button PC3SD11YVZ Datasheet HTML 2Page - Sharp Corporation PC3SD11YVZ Datasheet HTML 3Page - Sharp Corporation PC3SD11YVZ Datasheet HTML 4Page - Sharp Corporation PC3SD11YVZ Datasheet HTML 5Page - Sharp Corporation PC3SD11YVZ Datasheet HTML 6Page - Sharp Corporation PC3SD11YVZ Datasheet HTML 7Page - Sharp Corporation PC3SD11YVZ Datasheet HTML 8Page - Sharp Corporation PC3SD11YVZ Datasheet HTML 9Page - Sharp Corporation PC3SD11YVZ Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Lead Form
Shipping Package
DIN
EN60747-5-2
Model No.
Through-Hole
PC3SD11NTZBF
-
MAX.7
MAX.10
Sleeve
50pcs/sleeve
PC3SD11YTZBF
Approved
Wide Through-Hole
PC3SD11NVZBF
-
PC3SD11YVZBF
Approved
SMT Gullwing
PC3SD11NXZBF
-
PC3SD11YXZBF
PC3SD11NTZAF PC3SD11YTZAF
PC3SD11NVZAF PC3SD11YVZAF
PC3SD11NXZAF PC3SD11YXZAF
Approved
B
PC3SD11NTZCF
MAX.5
PC3SD11YTZCF
PC3SD11NVZCF PC3SD11YVZCF
PC3SD11NXZCF PC3SD11YXZCF
C
A
IFT[mA]
(VD
=6V,
RL
=100Ω)
Rank mark
6
Please contact a local SHARP sales representative to inquire about production status.
PC3SD11NTZ Series
Sheet No.: D2-A07501EN
■ Model Line-up (1) (Lead-free components)
■ Model Line-up (2) (Lead solder plating components)
Lead Form
Shipping Package
DIN
EN60747-5-2
Model No.
Through-Hole
PC3SD11NTZB
-
MAX.7
MAX.10
Sleeve
50pcs/sleeve
PC3SD11YTZB
Approved
Wide Through-Hole
PC3SD11NVZB
-
PC3SD11YVZB
Approved
SMT Gullwing
PC3SD11NXZB
-
PC3SD11YXZB
PC3SD11NTZA PC3SD11YTZA
PC3SD11NVZA PC3SD11YVZA
PC3SD11NXZA PC3SD11YXZA
Approved
B
PC3SD11NTZC
MAX.5
PC3SD11YTZC
PC3SD11NVZC PC3SD11YVZC
PC3SD11NXZC PC3SD11YXZC
C
A
IFT[mA]
(VD
=6V,
RL
=100Ω)
Rank mark
Lead Form
Shipping Package
DIN
EN60747-5-2
Model No.
Wide SMT Gullwing
PC3SD11NWZBF
-
MAX.7
MAX.10
Taping
1 000pcs/reel
Sleeve
50pcs/sleeve
PC3SD11YWZBF
Approved
SMT Gullwing
PC3SD11NXPBF
-
PC3SD11YXPBF
Approved
Wide SMT Gullwing
PC3SD11NWPBF
-
PC3SD11YWPBF
PC3SD11NWZAF PC3SD11YWZAF PC3SD11NXPAF PC3SD11YXPAF PC3SD11NWPAF PC3SD11YWPAF
Approved
B
PC3SD11NWZCF
MAX.5
PC3SD11YWZCF PC3SD11NXPCF PC3SD11YXPCF PC3SD11NWPCF PC3SD11YWPCF
C
A
IFT[mA]
(VD
=6V,
RL
=100Ω)
Rank mark
Lead Form
Shipping Package
DIN
EN60747-5-2
Model No.
Wide SMT Gullwing
PC3SD11NWZB
-
MAX.7
MAX.10
Taping
1 000pcs/reel
Sleeve
50pcs/sleeve
PC3SD11YWZB
Approved
SMT Gullwing
PC3SD11NXPB
-
PC3SD11YXPB
Approved
Wide SMT Gullwing
PC3SD11NWPB
-
PC3SD11YWPB
PC3SD11NWZA PC3SD11YWZA PC3SD11NXPA PC3SD11YXPA PC3SD11NWPA PC3SD11YWPA
Approved
B
PC3SD11NWZC
MAX.5
PC3SD11YWZC PC3SD11NXPC PC3SD11YXPC PC3SD11NWPC PC3SD11YWPC
C
A
IFT[mA]
(VD
=6V,
RL
=100Ω)
Rank mark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com