Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPDCD3 Datasheet(PDF) 2 Page - Crydom Inc.,

Part # MPDCD3
Description  PCB Mount
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

MPDCD3 Datasheet(HTML) 2 Page - Crydom Inc.,

  MPDCD3 Datasheet HTML 1Page - Crydom Inc., MPDCD3 Datasheet HTML 2Page - Crydom Inc., MPDCD3 Datasheet HTML 3Page - Crydom Inc., MPDCD3 Datasheet HTML 4Page - Crydom Inc., MPDCD3 Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
INPUT SPECIFICATIONS (1)
Description
AC Output
DC Output
DC Output (-B)
Control Voltage Range
3-32 VDC
3-32 VDC
3-32 VDC
Must Turn On Voltage
3.0 VDC
3.0 VDC
1.0 VDC
Must Turn Off Voltage
1.0 VDC
1.0 VDC
3.0 VDC
Nominal Input Impedance
1500 Ohm
1500 Ohm
1500 Ohm
Maximum Turn-On Time [msec]
1/2 Cycle
100 µs
100 µs
Maximum Turn-Off Time [msec]
1/2 Cycle
100 µs
100 µs
GENERAL SPECIFICATIONS
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60Hz)
4000 Vrms
Minimum Insulation Resistance (@ 500 VDC)
109 Ohm
Maximum Capacitance, Input/Output
8 pF
Ambient Operating Temperature Range
-40 to 80°C
Ambient Storage Temperature Range
-40 to 125°C
Weight (typical)
0.7 oz. (20g)
Encapsulation
Thermally Conductive Epoxy
GENERAL NOTES
1) All parameters at 25°C unless otherwise specified.
2) Off-State dv/dt test method per EIA/NARM standard RS-443,13.11.1
3) Inductive loads should be diode suppressed
MECHANICAL SPECIFICATIONS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com