Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC400Z Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC400Z
Description  Compact, Surface Mount Type OPIC Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC400Z Datasheet(HTML) 2 Page - Sharp Corporation

  PC400Z Datasheet HTML 1Page - Sharp Corporation PC400Z Datasheet HTML 2Page - Sharp Corporation PC400Z Datasheet HTML 3Page - Sharp Corporation PC400Z Datasheet HTML 4Page - Sharp Corporation PC400Z Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
s Electro-optical Characteristics
Forward voltage
V F
Reverse current
IR
Terminal capacitance
Ct
Operating supply voltage
V CC
Low level output voltage
V OL
High level output current
I OH
Low level supply current
ICCL
High level supply current
I CCH
*3 “H
→L” threshold
I FHL
*4 “L
→H” threshold
I FLH
*5Hysteresis
I FLH /I FHL
R ISO
t PHL
t PLH
Fall time
tf
Rise time
t r
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Output
Transfer
charac-
teristics
IF
IF
Ta = 25˚C, V R =3V
Ta = 25˚C, V = 0
f = 1kHz
IOL
CC
=5V
IF
V CC =V O = 15V, I F =0
V CC = 5V, I F
V CC = 5V, I F =0
Ta = 25˚C,V CC =5V
RL = 280
Ω
VCC = 5V,R L = 280
Ω
Ta = 25˚C,V CC =5V
RL = 280
Ω
VCC = 5V,R L = 280
Ω
VCC = 5V,R L = 280
Ω
-
1.1
1.4
V
0.7
1.0
-
-
-
10
µ A
-
30
250
pF
3
-
15
V
-
0.2
0.4
V
-
-
100
µ A
-
2.5
5.0
mA
-
1.0
5.0
mA
-
1.1
2.0
mA
-
-
4.0
0.4
0.8
-
mA
0.3
-
-
0.5
0.7
0.9
5x 1010
1011
-
Ω
-
1
3
µ s
-
2
6
-
0.05
0.5
-
0.1
0.5
PC400
*3 I FHL represents forward current when output gose from high to low.
*4 I FLH represents forward current when output goes from low to high.
*5 Hysteresis stands for IFLH /I FHL .
*6 Test circuit for response time is shown below.
time
time
47
Ω
VIN
Amp
Voltage
regulator
5V
280
Ω
Vo
0.1
µ F
VIN
Vo
t
tPLH
tf
tf
50 %
VOH
90 %
1.5V
10 %
VOL
tr = tf = 0.01
µ S
Z o = 50
Ω
Isolation resistance
input current
input current
Ta = 25˚C, DC500V
Ta = 25˚C
V
= 5V,I = 4 mA
CC
F
R = 280
Ω
L
40 to 60% RH
( Ta = 0 to + 70˚C unless otherwise specified )
= 4mA
= 0.3mA
= 16mA, V
= 4mA
= 4mA
“H
→L” propagation delay
“L
→H” propagation delay
PHL



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com