Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC814X1YJ00F Datasheet(PDF) 13 Page - Sharp Corporation

Part # PC814X1YJ00F
Description  DIP 4pin AC Input Photocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC814X1YJ00F Datasheet(HTML) 13 Page - Sharp Corporation

Back Button PC814X1YJ00F Datasheet HTML 6Page - Sharp Corporation PC814X1YJ00F Datasheet HTML 7Page - Sharp Corporation PC814X1YJ00F Datasheet HTML 8Page - Sharp Corporation PC814X1YJ00F Datasheet HTML 9Page - Sharp Corporation PC814X1YJ00F Datasheet HTML 10Page - Sharp Corporation PC814X1YJ00F Datasheet HTML 11Page - Sharp Corporation PC814X1YJ00F Datasheet HTML 12Page - Sharp Corporation PC814X1YJ00F Datasheet HTML 13Page - Sharp Corporation PC814X1YJ00F Datasheet HTML 14Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
● Tape and Reel package
Package materials
Carrier tape : PS
Cover tape : PET (three layer system)
Reel : PS
Carrier tape structure and Dimensions
F
K
E
I
D
J
G
Dimensions List
(Unit : mm)
A
16.0±0.3
B
7.5±0.1
C
1.75±0.10
D
8.0±0.1
E
2.0±0.1
H
10.4±0.1
I
0.40±0.05
J
4.2±0.1
K
5.1±0.1
F
4.0±0.1
G
φ1.5+0.1
−0.0
a
φ330
b
17.5±1.5
c
φ100.0±1.0
d
φ13.0±0.5
e
φ23.0±1.0
f
2.0±0.5
g
2.0±0.5
a
e
g
f
b
d
Dimensions List
(Unit : mm)
Pull-out direction
[Packing : 2 000pcs/reel]
Reel structure and Dimensions
Direction of product insertion
PC814XJ0000F Series
Sheet No.: D2-A03503EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com