Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S101S06V Datasheet(PDF) 2 Page - Sharp Corporation

Part # S101S06V
Description  IT(rms)??A, Zero Cross type SIP 4pin Triac output SSR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S101S06V Datasheet(HTML) 2 Page - Sharp Corporation

  S101S06V Datasheet HTML 1Page - Sharp Corporation S101S06V Datasheet HTML 2Page - Sharp Corporation S101S06V Datasheet HTML 3Page - Sharp Corporation S101S06V Datasheet HTML 4Page - Sharp Corporation S101S06V Datasheet HTML 5Page - Sharp Corporation S101S06V Datasheet HTML 6Page - Sharp Corporation S101S06V Datasheet HTML 7Page - Sharp Corporation S101S06V Datasheet HTML 8Page - Sharp Corporation S101S06V Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
∗ : Do not allow external connection.
( ) : Typical dimensions
■ Internal Connection Diagram
1
1
2
3 4
2
3
4
Output (Triac T2)
Output (Triac T1)
Input (+)
Input (−)
Zero Crossing Circuit
2
■ Outline Dimensions
(Unit : mm)
S101S06V
12
4
3
5.5
±0.2
0.6
±0.1
18.5
±0.2
4-1.1
±0.2
4-1.25
±0.3
4-0.8
±0.2
16.4
±0.3
(5.08)
(7.62)
(2.54)
(1.4)
Common to pin No.1
Common to pin No.1
φ3.2
±0.2
+
3A125VAC
∗
−
Model No.
UL mark
CSA mark
Date code (2 digit)
Epoxy resin
S101S06V
S201S06V
12
4
3
5.5
±0.2
0.6
±0.1
18.5
±0.2
4-1.1
±0.2
4-1.25
±0.3
4-0.8
±0.2
16.4
±0.3
(5.08)
(7.62)
(2.54)
(1.4)
Common to pin No.1
Common to pin No.1
φ3.2
±0.2
+
3A265VAC
∗
−
Model No.
UL mark
CSA mark
Date code (2 digit)
Epoxy resin
S201S06V
S101S06V Series
S201S06V Series
Sheet No.: D4-A02201EN
Product mass : approx. 6.3g
Product mass : approx. 6.3g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com