Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AME8808BECTZ Datasheet(PDF) 3 Page - Analog Microelectronics

Part # AME8808BECTZ
Description  750mA CMOS LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8808BECTZ Datasheet(HTML) 3 Page - Analog Microelectronics

  AME8808BECTZ Datasheet HTML 1Page - Analog Microelectronics AME8808BECTZ Datasheet HTML 2Page - Analog Microelectronics AME8808BECTZ Datasheet HTML 3Page - Analog Microelectronics AME8808BECTZ Datasheet HTML 4Page - Analog Microelectronics AME8808BECTZ Datasheet HTML 5Page - Analog Microelectronics AME8808BECTZ Datasheet HTML 6Page - Analog Microelectronics AME8808BECTZ Datasheet HTML 7Page - Analog Microelectronics AME8808BECTZ Datasheet HTML 8Page - Analog Microelectronics AME8808BECTZ Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AME
3
AME8808
750mA CMOS LDO
Rev.G.02
n Ordering Information
Operating Ambient Temperature Range
Number of Pins
Package Type
Product Grade or Option
Special Feature
AME8808 x x x x
x
A: 3.3V
1: 1.3V
E: -40OC to +85OC
C: TO-252
S: 2
Z: Lead Free
B: 3.0V
2: 2.0V
G: SOT-223
T: 3
C: 2.8V
3: 4.2V
D: 2.5V
4: 4.0V
E: 3.8V
F: 3.6V
G: 3.5V
H: 2.7V
I: 3.4V
J: 2.85V
K: 3.7V
L: 1.5V
M: 1.8V
N: 2.9V
O: 3.1V
P: 4.1V
Q: 4.75V
R: 2.65V
S: 5.0V
U: 3.2V
V: 3.15V
W: 2.3V
Y: 1.9V
Z: 1.7V
Special Feature
Product Grade
or Option
Operating Ambient
Temperature
Range
Package Type
Number
of
Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com