Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AME8808CECTZ Datasheet(PDF) 5 Page - Analog Microelectronics

Part # AME8808CECTZ
Description  750mA CMOS LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8808CECTZ Datasheet(HTML) 5 Page - Analog Microelectronics

  AME8808CECTZ Datasheet HTML 1Page - Analog Microelectronics AME8808CECTZ Datasheet HTML 2Page - Analog Microelectronics AME8808CECTZ Datasheet HTML 3Page - Analog Microelectronics AME8808CECTZ Datasheet HTML 4Page - Analog Microelectronics AME8808CECTZ Datasheet HTML 5Page - Analog Microelectronics AME8808CECTZ Datasheet HTML 6Page - Analog Microelectronics AME8808CECTZ Datasheet HTML 7Page - Analog Microelectronics AME8808CECTZ Datasheet HTML 8Page - Analog Microelectronics AME8808CECTZ Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AME
5
AME8808
750mA CMOS LDO
Rev.G.02
n Ordering Information (contd.)
Part Number
Marking*
Output Voltage
Package
Operating Ambient
Temperature Range
AME8808DECSZ
AME8808
DECS
yyww
2.5V
TO-252-2
- 40
oC to +85oC
AME8808EECSZ
AME8808
EECS
yyww
3.8V
TO-252-2
- 40
oC to +85oC
AME8808FECSZ
AME8808
FECS
yyww
3.6V
TO-252-2
- 40
oC to +85oC
AME8808GECSZ
AME8808
GECS
yyww
3.5V
TO-252-2
- 40
oC to +85oC
AME8808HECSZ
AME8808
HECS
yyww
2.7V
TO-252-2
- 40
oC to +85oC
AME8808IECSZ
AME8808
IECS
yyww
3.4V
TO-252-2
- 40
oC to +85oC
AME8808JECSZ
AME8808
JECS
yyww
2.85V
TO-252-2
- 40
oC to +85oC
AME8808KECSZ
AME8808
KECS
yyww
3.7V
TO-252-2
- 40
oC to +85oC
AME8808LECSZ
AME8808
LECS
yyww
1.5V
TO-252-2
- 40
oC to +85oC
AME8808MECSZ
AME8808
MECS
yyww
1.8V
TO-252-2
- 40
oC to +85oC
AME8808NECSZ
AME8808
NECS
yyww
2.9V
TO-252-2
- 40
oC to +85oC
AME8808OECSZ
AME8808
OECS
yyww
3.1V
TO-252-2
- 40
oC to +85oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com