Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AME8808DECTZ Datasheet(PDF) 12 Page - Analog Microelectronics

Part # AME8808DECTZ
Description  750mA CMOS LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8808DECTZ Datasheet(HTML) 12 Page - Analog Microelectronics

Back Button AME8808DECTZ Datasheet HTML 5Page - Analog Microelectronics AME8808DECTZ Datasheet HTML 6Page - Analog Microelectronics AME8808DECTZ Datasheet HTML 7Page - Analog Microelectronics AME8808DECTZ Datasheet HTML 8Page - Analog Microelectronics AME8808DECTZ Datasheet HTML 9Page - Analog Microelectronics AME8808DECTZ Datasheet HTML 10Page - Analog Microelectronics AME8808DECTZ Datasheet HTML 11Page - Analog Microelectronics AME8808DECTZ Datasheet HTML 12Page - Analog Microelectronics AME8808DECTZ Datasheet HTML 13Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
AME
12
750mA CMOS LDO
AME8808
Rev.G.02
MIN
MAX
MIN
MAX
A
0.43
0.58
0.0169
0.0230
B
1.60
1.95
0.0630
0.0768
C
0.51
1.78
0.0200
0.0701
D
0.43
0.60
0.0169
0.0236
E
6.35
6.80
0.2500
0.2677
F
5.36
7.20
0.2110
0.2835
G
2.20
3.00
0.0866
0.1181
H
-
* 2.30
-
*0.0906
J
-
0.97
-
0.0380
K
5.20
5.50
0.2047
0.2165
L
1.40REF
0.055REF
SYMBOLS
MILLIMETERS
INCHES
n Package Dimension
TO-252-2(DPAK)-EIAJ
*: Typical Value
Notes:
1. Controlling dimension: Millimeters.
2. Maximum lead thickness includes lead finish thickness Mini-
mum lead thickness is the minimum thickness of base material.
C
G
F
L
Top View
Side View
E
K
B
A
D
H
J
SOT-223
C
13o(4X)
Top View
Side View
θ
D
B1
H
E
e
A1
B
13o(4X)
Front View
F
MIN
MAX
MIN
MAX
A1
0.01
0.10
0.0004
0.0039
B
0.60
0.84
0.0236
0.0330
B1
2.90
3.15
0.1140
0.1240
C
0.24
0.38
0.0094
0.0150
D
6.30
6.71
0.2480
0.2640
E
3.30
3.71
0.1299
0.1460
F
1.40
1.80
0.0551
0.0709
e
H
6.70
7.30
0.2638
0.2874
θ
0
o
10
o
0
o
10
o
2.30 BSC
0.0906 BSC
MILLIMETERS
INCHES
SYMBOLS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com