Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4921ITL/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM4921ITL/NOPB
Description  LM4921 Low Voltage I2S 16-Bit Stereo DAC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4921ITL/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM4921ITL/NOPB Datasheet HTML 9Page - Texas Instruments LM4921ITL/NOPB Datasheet HTML 10Page - Texas Instruments LM4921ITL/NOPB Datasheet HTML 11Page - Texas Instruments LM4921ITL/NOPB Datasheet HTML 12Page - Texas Instruments LM4921ITL/NOPB Datasheet HTML 13Page - Texas Instruments LM4921ITL/NOPB Datasheet HTML 14Page - Texas Instruments LM4921ITL/NOPB Datasheet HTML 15Page - Texas Instruments LM4921ITL/NOPB Datasheet HTML 16Page - Texas Instruments LM4921ITL/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LM4921
www.ti.com
SNAS178E – JULY 2003 – REVISED MAY 2013
ZERO CROSSING DETECT SET
This pin turns on the zero crossing detection circuit. With this circuit enabled the part will not allow a volume step
change, or shutdown mode, or standby mode to occur until the audio input signal passes through zero. This pin
should be set to on for most applications.
VOLUME CONTROL
The internal Stereo Volume Control is set by changing bits 7 through 11 in the SPI interface, as shown in Table 3
below. The zero dB setting is for 3V VDD operation and the +3dB is for 5V VDD.
Table 3. Volume Control Settings
Gain (dB)
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
HP_L & HP_R
-43.5
0
0
0
0
0
-42.0
0
0
0
0
1
-40.5
0
0
0
1
0
-39.0
0
0
0
1
1
-37.5
0
0
1
0
0
-36.0
0
0
1
0
1
-34.5
0
0
1
1
0
-33.0
0
0
1
1
1
-31.5
0
1
0
0
0
-30.0
0
1
0
0
1
-28.5
0
1
0
1
0
-27.0
0
1
0
1
1
-25.5
0
1
1
0
0
-24.0
0
1
1
0
1
-22.5
0
1
1
1
0
-21.0
0
1
1
1
1
-19.5
1
0
0
0
0
-18.0
1
0
0
0
1
-16.5
1
0
0
1
0
-15.0
1
0
0
1
1
-13.5
1
0
1
0
0
-12.0
1
0
1
0
1
-10.5
1
0
1
1
0
-9.0
1
0
1
1
1
-7.5
1
1
0
0
0
-6.0
1
1
0
0
1
-4.5
1
1
0
1
0
-3.0
1
1
0
1
1
-1.5
1
1
1
0
0
0.0
1
1
1
0
1
1.5
1
1
1
1
0
3.0
1
1
1
1
1
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM4921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com