Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB305 Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # SB305
Description  Single Phase 3.0 AMPS. Silicon Brid ge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

SB305 Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  SB305 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. SB305 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB305 THRU SB3100
Single Phase 3.0 AMPS. Silicon Bridge Rectifiers
Voltage Range 50 to 1000 Volts Current 3.0 Amperes
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
SB
305
SB
310
SB
320
SB
340
SB
360
SB
380
SB
3100
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified Current
@TA = 50
℃
I(AV)
3.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
60
A
Maximum Instantaneous Forward Voltage
@ 1.5A
VF
1.1
V
Maximum DC Reverse Current @ TA=25
℃
at Rated DC Blocking Voltage @ TA=100
℃
IR
10
500
uA
uA
Typical Thermal Resistance (Note)
R
θJC
10
℃/W
Operating Temperature Range
TJ
-55 to +125
℃
Storage Temperature Range
TSTG
-55 to +150
℃
Note: Thermal Resistance from Junction to Case per Leg.
FEATURE
Plastic package has Underwriters Laboratory Flammability Classification
94V-0
For surface mounted applications
Low profile package
Built-in strain relief
Low power loss, high efficiency
High current capability, low forward voltage drop
High surge capability
For use in low voltage high frequency inverters, free wheeling, and polarity
protection applications
Guarding for over voltage protection
High temperature soldering guaranteed:
250
ºC /10 seconds at terminals
MECHANICAL DATA
Case: JEDEC DO-214AB molded plastic body
Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Weight: 0.007 ounce, 0.25gram
SMC/DO--214AB
XINGHE ELECTRONICS
星合电子
1
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017


Similar Part No. - SB305

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SB305 TSC-SB305 Datasheet
69Kb / 2P
Single Phase 3.0 AMPS. Silicon Bridge Rectifiers
logo
List of Unclassifed Man...
SB305 ETC1-SB305 Datasheet
100Kb / 1P
BRIDGE RECTIFIERS 2.0 to 8.0 Amps
logo
Leshan Radio Company
SB305-E LRC-SB305-E Datasheet
207Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current3.0A
logo
Pan Jit International I...
SB3050CT PANJIT-SB3050CT Datasheet
43Kb / 2P
SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 60 Volts CURRENT - 30.0 Ampere)
logo
PACELEADER INDUSTRIAL
SB3050CT PACELEADER-SB3050CT Datasheet
166Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB305

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N5400 SURGE-1N5400 Datasheet
121Kb / 2P
3.0 AMPS. SILICON RECTIFIERS?
logo
Jinan Gude Electronic D...
KBPC300 JGD-KBPC300 Datasheet
118Kb / 2P
SINGLE PHASE 3.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
BY255 ETC-BY255 Datasheet
52Kb / 2P
3.0 AMPS. Silicon Rectifiers
logo
Taiwan Semiconductor Co...
SB305 TSC-SB305 Datasheet
69Kb / 2P
Single Phase 3.0 AMPS. Silicon Bridge Rectifiers
1N5400 TSC-1N5400 Datasheet
66Kb / 2P
3.0 AMPS. Silicon Rectifiers
1N5400 TSC-1N5400_1 Datasheet
242Kb / 2P
3.0 AMPS. Silicon Rectifiers
BY251 TSC-BY251 Datasheet
65Kb / 2P
3.0 AMPS. Silicon Rectifiers
logo
Yangzhou yangjie electr...
1N5400 YANGJIE-1N5400 Datasheet
696Kb / 2P
3.0 AMPS. SILICON RECTIFIERS
BR3005 YANGJIE-BR3005 Datasheet
245Kb / 2P
SINGLE PHASE 3.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
1N5400 TSC-1N5400_11 Datasheet
228Kb / 2P
3.0 AMPS. Silicon Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com