Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AME8855ABHT080 Datasheet(PDF) 13 Page - Analog Microelectronics

Part # AME8855ABHT080
Description  High PSRR, Low Noise, 600mA CMOS Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8855ABHT080 Datasheet(HTML) 13 Page - Analog Microelectronics

Back Button AME8855ABHT080 Datasheet HTML 9Page - Analog Microelectronics AME8855ABHT080 Datasheet HTML 10Page - Analog Microelectronics AME8855ABHT080 Datasheet HTML 11Page - Analog Microelectronics AME8855ABHT080 Datasheet HTML 12Page - Analog Microelectronics AME8855ABHT080 Datasheet HTML 13Page - Analog Microelectronics AME8855ABHT080 Datasheet HTML 14Page - Analog Microelectronics AME8855ABHT080 Datasheet HTML 15Page - Analog Microelectronics AME8855ABHT080 Datasheet HTML 16Page - Analog Microelectronics AME8855ABHT080 Datasheet HTML 17Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
AME
13
AME8855A
Rev. B.02
High PSRR, Low Noise, 600mA
CMOS Regulator
n Characterization Curve
Output Voltage
Output Voltage
Output Voltage
Output Voltage
Quiescent Current
Quiescent Current
1.05
0.95
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
1.04
-40
-25
-10
+5
+20
+35
+50
+65
+80
+95 +110 +125
Temperature (
OC)
VIN = 2.8V
VOUT = 1V
IOUT = 1mA
1.05
0.95
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
1.04
-40
-25
-10
+50
+20
+35
+50
+65
+80
+95 +110 +125
Temperature (
OC)
VIN = 2.8V
VOUT = 1V
IOUT = 600mA
4.45
Temperature (
OC)
4.15
4.20
4.25
4.30
4.35
4.40
-40
-25
-10
+5
+20
+35
+50 +65
+80
+95 +110 +125
VIN = 5.5V
VOUT = 4.3V
IOUT = 1mA
4.45
Temperature (
OC)
4.15
4.20
4.25
4.30
4.35
4.40
-40
-25
-10
+5
+20
+35
+50
+65
+80
+95 +110 +125
VIN = 5.5V
VOUT = 4.3V
IOUT = 600mA
100
Temperature(
OC)
10
20
30
40
50
60
70
80
90
-40
-20
-10
+5
+20 +35
+50 +65
+80
95
+110 +125
0
VOUT = 1V
100
Temperature(
OC)
10
20
30
40
50
60
70
80
90
0
-40
-25
-10
+5
+20
+35
+50
+65
+80
+95 +110 +125
VOUT = 4.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com