Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AME8855ACHT080 Datasheet(PDF) 3 Page - Analog Microelectronics

Part # AME8855ACHT080
Description  High PSRR, Low Noise, 600mA CMOS Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8855ACHT080 Datasheet(HTML) 3 Page - Analog Microelectronics

  AME8855ACHT080 Datasheet HTML 1Page - Analog Microelectronics AME8855ACHT080 Datasheet HTML 2Page - Analog Microelectronics AME8855ACHT080 Datasheet HTML 3Page - Analog Microelectronics AME8855ACHT080 Datasheet HTML 4Page - Analog Microelectronics AME8855ACHT080 Datasheet HTML 5Page - Analog Microelectronics AME8855ACHT080 Datasheet HTML 6Page - Analog Microelectronics AME8855ACHT080 Datasheet HTML 7Page - Analog Microelectronics AME8855ACHT080 Datasheet HTML 8Page - Analog Microelectronics AME8855ACHT080 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
AME
3
AME8855A
Rev. B.02
High PSRR, Low Noise, 600mA
CMOS Regulator
SOT-23
Top View
AME8855A-AETxxx
1. IN
2. GND
3. OUT
* Die Attach:
Non-Conductive Epoxy
SOT-23
Top View
AME8855A-BETxxx
1. GND
2. OUT
3. IN
* Die Attach:
Non-Conductive Epoxy
Pin Configuration (Contd.)
3 Pin
5 Pin
SOT-25
Top View
AME8855A-AEVxxx
1. IN
2. GND
3. EN
4. NC
5. OUT
* Die Attach:
Conductive Epoxy
12
3
AME8855 A
12
3
AME8855 A
13
2
5
4
AME8855A
SOP-8
Top View
AME8855A-AHAxxx
1. IN
2. GND
3. GND
4. OUT
5. NC
6. GND
7. GND
8. EN
* Die Attach:
Conductive Epoxy
8 Pin
13
24
AME8855
5
6
7
8
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com