Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AME8855ACEV080 Datasheet(PDF) 21 Page - Analog Microelectronics

Part # AME8855ACEV080
Description  High PSRR, Low Noise, 600mA CMOS Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8855ACEV080 Datasheet(HTML) 21 Page - Analog Microelectronics

Back Button AME8855ACEV080 Datasheet HTML 17Page - Analog Microelectronics AME8855ACEV080 Datasheet HTML 18Page - Analog Microelectronics AME8855ACEV080 Datasheet HTML 19Page - Analog Microelectronics AME8855ACEV080 Datasheet HTML 20Page - Analog Microelectronics AME8855ACEV080 Datasheet HTML 21Page - Analog Microelectronics AME8855ACEV080 Datasheet HTML 22Page - Analog Microelectronics AME8855ACEV080 Datasheet HTML 23Page - Analog Microelectronics AME8855ACEV080 Datasheet HTML 24Page - Analog Microelectronics AME8855ACEV080 Datasheet HTML 25Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
AME
21
AME8855A
Rev. B.02
High PSRR, Low Noise, 600mA
CMOS Regulator
n Tape and Reel Dimension
SOT-223
Carrier Tape, Number of Components Per Reel and Reel Size
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
SOT-223
12.0±0.1 mm
4.0±0.1 mm
2500pcs
330±1 mm
SOP-8
Carrier Tape, Number of Components Per Reel and Reel Size
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
SOP-8
12.0±0.1 mm
4.0±0.1 mm
2500pcs
330±1 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com