Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA210 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA210
Description  Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA210 Datasheet(HTML) 2 Page - Texas Instruments

  INA210 Datasheet HTML 1Page - Texas Instruments INA210 Datasheet HTML 2Page - Texas Instruments INA210 Datasheet HTML 3Page - Texas Instruments INA210 Datasheet HTML 4Page - Texas Instruments INA210 Datasheet HTML 5Page - Texas Instruments INA210 Datasheet HTML 6Page - Texas Instruments INA210 Datasheet HTML 7Page - Texas Instruments INA210 Datasheet HTML 8Page - Texas Instruments INA210 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
INA210, INA211
INA212, INA213
INA214
SBOS437E – MAY 2008 – REVISED JUNE 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PACKAGE
PRODUCT
GAIN
PACKAGE
DESIGNATOR
200V/V
SC70-6
DCK
INA210A
200V/V
Thin QFN-10
RSW
200V/V
SC70-6
DCK
INA210B
200V/V
Thin QFN-10
RSW
INA211A
500V/V
SC70-6
DCK
INA211B
500V/V
SC70-6
DCK
INA212A
1000V/V
SC70-6
DCK
INA212B
1000V/V
SC70-6
DCK
50V/V
SC70-6
DCK
INA213A
50V/V
Thin QFN-10
RSW
50V/V
SC70-6
DCK
INA213B
50V/V
Thin QFN-10
RSW
100V/V
SC70-6
DCK
INA214A
100V/V
Thin QFN-10
RSW
100V/V
SC70-6
DCK
INA214B
100V/V
Thin QFN-10
RSW
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
INA210, INA211,
INA212, INA213, INA214
UNIT
Supply Voltage
+26
V
Differential (VIN+)–(VIN–)
–26 to +26
V
Analog Inputs,
VIN+, VIN–
(2)
Common-Mode (3)
GND–0.3 to +26
V
REF Input
GND–0.3 to (V+) + 0.3
V
Output(3)
GND–0.3 to (V+) + 0.3
V
Input Current into Any Pin(3)
5
mA
Operating Temperature
–55 to +150
°C
Storage Temperature
–65 to +150
°C
Junction Temperature
+150
°C
Human Body Model (HBM)
4000
V
ESD Ratings
Charged-Device Model (CDM)
1000
V
(version A):
Machine Model (MM)
200
V
Human Body Model (HBM)
1500
V
ESD Ratings
Charged-Device Model (CDM)
1000
V
(version B):
Machine Model (MM)
100
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
VIN+ and VIN– are the voltages at the IN+ and IN– pins, respectively.
(3)
Input voltage at any pin may exceed the voltage shown if the current at that pin is limited to 5mA.
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: INA210 INA211 INA212 INA213 INA214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com