Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD977AR Datasheet(PDF) 5 Page - Analog Devices

Part # AD977AR
Description  16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD977AR Datasheet(HTML) 5 Page - Analog Devices

  AD977AR Datasheet HTML 1Page - Analog Devices AD977AR Datasheet HTML 2Page - Analog Devices AD977AR Datasheet HTML 3Page - Analog Devices AD977AR Datasheet HTML 4Page - Analog Devices AD977AR Datasheet HTML 5Page - Analog Devices AD977AR Datasheet HTML 6Page - Analog Devices AD977AR Datasheet HTML 7Page - Analog Devices AD977AR Datasheet HTML 8Page - Analog Devices AD977AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD977/AD977A
–5–
REV. D
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD977/AD977A feature proprietary ESD protection circuitry, permanent damage
may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1
Analog Inputs
R1IN, R2IN , R3IN . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±25 V
CAP . . . . . . . . . . . . . . . . .+VANA + 0.3 V to AGND2 – 0.3 V
REF . . . . . . . . . . . . . . . . . . . . . Indefinite Short to AGND2,
. . . . . . . . . . . . . . . . . . . . . . . . . Momentary Short to VANA
Ground Voltage Differences
DGND, AGND1, AGND2 . . . . . . . . . . . . . . . . . . .
±0.3 V
Supply Voltages
VANA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V
VDIG to VANA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±7 V
VDIG
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V
Digital Inputs . . . . . . . . . . . . . . . . . . . –0.3 V to VDIG + 0.3 V
Internal Power Dissipation
2
PDIP (N), SOIC (R), SSOP (RS) . . . . . . . . . . . . . 700 mW
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
Storage Temperature Range N, R . . . . . . . . –65
°C to +150°C
Lead Temperature Range
(Soldering 10 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . 300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for device in free air:
20-Lead PDIP:
θ
JA = 100
°C/W, θ
JC = 31
°C/W,
20-Lead SOIC:
θ
JA = 75
°C/W, θ
JC = 24
°C/W,
28-Lead SSOP:
θ
JA = 109
°C/W, θ
JC = 39
°C/W.
PIN CONFIGURATIONS
SB/BTC
EXT/INT
CS
BUSY
R/C
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
AD977
AD977A
VDIG
VANA
PWRD
TAG
DATA
DATACLK
SYNC
R1IN
AGND1
R2IN
R3IN
CAP
REF
AGND2
DGND
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
AD977
AD977A
NC = NO CONNECT
VDIG
VANA
PWRD
NC
NC
NC
TAG
NC
DATA
DATACLK
SYNC
R1IN
AGND1
R2IN
R3IN
NC
CAP
REF
NC
AGND2
NC
NC
DGND
R/C
CS
BUSY
SB/BTC
EXT/INT
SOIC and DIP
SSOP
1.6mA
IOL
500 AIOH
1.4V
CL
100pF
TO OUTPUT
PIN
Figure 1. Load Circuit for Digital Interface Timing
ORDERING GUIDE
Temperature
Throughput
Package
Model
Range
Rate
Max INL
Min S/(N+D)
Options
*
AD977AN
–40
°C to +85°C
100 kSPS
±3.0 LSB
83 dB
N-20
AD977BN
–40
°C to +85°C
100 kSPS
±2.0 LSB
85 dB
N-20
AD977CN
–40
°C to +85°C
100 kSPS
83 dB
N-20
AD977AAN
–40
°C to +85°C
200 kSPS
±3.0 LSB
83 dB
N-20
AD977ABN
–40
°C to +85°C
200 kSPS
±2.0 LSB
85 dB
N-20
AD977ACN
–40
°C to +85°C
200 kSPS
83 dB
N-20
AD977AR
–40
°C to +85°C
100 kSPS
±3.0 LSB
83 dB
R-20
AD977BR
–40
°C to +85°C
100 kSPS
±2.0 LSB
85 dB
R-20
AD977CR
–40
°C to +85°C
100 kSPS
83 dB
R-20
AD977AAR
–40
°C to +85°C
200 kSPS
±3.0 LSB
83 dB
R-20
AD977ABR
–40
°C to +85°C
200 kSPS
±2.0 LSB
85 dB
R-20
AD977ACR
–40
°C to +85°C
200 kSPS
83 dB
R-20
AD977ARS
–40
°C to +85°C
100 kSPS
±3.0 LSB
83 dB
RS-28
AD977BRS
–40
°C to +85°C
100 kSPS
±2.0 LSB
85 dB
RS-28
AD977CRS
–40
°C to +85°C
100 kSPS
83 dB
RS-28
AD977AARS
–40
°C to +85°C
200 kSPS
±3.0 LSB
83 dB
RS-28
AD977ABRS
–40
°C to +85°C
200 kSPS
±2.0 LSB
85 dB
RS-28
AD977ACRS
–40
°C to +85°C
200 kSPS
83 dB
RS-28
*N = 20-lead 300 mil plastic DIP; R = 20-lead SOIC; RS = 28-lead SSOP.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com