Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1556ASRL Datasheet(PDF) 13 Page - Analog Devices

Part # AD1556ASRL
Description  24-Bit - ADC with Low Noise PGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1556ASRL Datasheet(HTML) 13 Page - Analog Devices

Back Button AD1556ASRL Datasheet HTML 9Page - Analog Devices AD1556ASRL Datasheet HTML 10Page - Analog Devices AD1556ASRL Datasheet HTML 11Page - Analog Devices AD1556ASRL Datasheet HTML 12Page - Analog Devices AD1556ASRL Datasheet HTML 13Page - Analog Devices AD1556ASRL Datasheet HTML 14Page - Analog Devices AD1556ASRL Datasheet HTML 15Page - Analog Devices AD1556ASRL Datasheet HTML 16Page - Analog Devices AD1556ASRL Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
REV. B
AD1555/AD1556
–13–
Typical Performance Characteristics–
0
FREQUENCY – Hz
0
50
100
150
200
250
300
350
400
450
500
–120
–200
–20
–100
–140
–180
–60
–80
–160
–40
fIN = 24.4Hz
SNR = 116.7dB
THD = –120dB
TPC 1. FFT (2048 Points) Full-Scale MODIN Input
0
–120
–20
–100
–140
–180
–60
–80
–160
–40
FREQUENCY – Hz
50
100
150
200
250
300
350
400
450
500
–200
0
fIN = 24.4Hz
SNR = 105.8dB
THD = –114.9dB
TPC 2. FFT (2048 Points) Full-Scale AIN Input, Gain of 34
0
FREQUENCY – Hz
–120
–200
0
500
1000
–20
–100
–140
–180
–60
–80
–160
–40
3500
4000
1500
2000
2500
3000
fIN = 24.4Hz
SNR = 68.2dB
THD = –120dB
TPC 3. FFT (16384 Points) Full-Scale AIN Input, Gain of 1
130
TEMPERATURE – C
100
80
–55
–35
–15
110
90
120
85
105
525
45
65
125
G = 1
G = 2.5
G = 8.5
G = 34
G = 128
TPC 4. Dynamic Range vs. Temperature
DYNAMIC RANGE – dB
0
–122
–117
10
5
15
20
25
30
35
–121
–119
–118
–116
TPC 5. Dynamic Range Distribution (272 Units)
TEMPERATURE – C
90
–55
110
100
120
130
140
150
–35
5
45
125
–15
25
65
85
105
G = 34
G = 2.5
G = 8.5
G = 1
G = 128
TPC 6. Common-Mode Rejection vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com