Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1555/56-REF Datasheet(PDF) 19 Page - Analog Devices

Part # AD1555/56-REF
Description  24-Bit - ADC with Low Noise PGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1555/56-REF Datasheet(HTML) 19 Page - Analog Devices

Back Button AD1555/56-REF Datasheet HTML 15Page - Analog Devices AD1555/56-REF Datasheet HTML 16Page - Analog Devices AD1555/56-REF Datasheet HTML 17Page - Analog Devices AD1555/56-REF Datasheet HTML 18Page - Analog Devices AD1555/56-REF Datasheet HTML 19Page - Analog Devices AD1555/56-REF Datasheet HTML 20Page - Analog Devices AD1555/56-REF Datasheet HTML 21Page - Analog Devices AD1555/56-REF Datasheet HTML 22Page - Analog Devices AD1555/56-REF Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
REV. B
AD1555/AD1556
–19–
DIGITAL FILTERING
The AD1556 is a digital finite impulse response (FIR) linear
phase low pass filter and serves as the decimation filter for the
AD1555. It takes the output bitstream of the AD1555, filters
and decimates it by a user-selectable choice of seven different
filters associated with seven decimation ratios, in power of 2
from 1/16 to 1/1024. With a nominal bit rate of 256 kbits/s at
the AD1556 input, the output word rate (the inverse of the
sampling rate) ranges from 16 kHz (1/16 ms) to 250 Hz (4 ms) in
powers of 2. The AD1556 filter achieves a maximum pass band
flatness of
±0.05 dB for each decimation ratio and an out-of-
band attenuation of –135 dB maximum for each decimation
ratio except 1/16 (OWR = 16 kHz) at which the out-of-band
attenuation is –86 dB maximum. Table II gives for each filter
the pass band frequency, the –3 dB frequency, the stop-band
frequency, and the group delay. The pass band frequency is 37.5%
of the output word rate, and the –3 dB frequency is approximately
41% of the output word rate. The noise generated by the AD1556,
even that due to the word truncation, has a negligible impact on
the dynamic range performance of the AD1555/AD1556 chipset.
Although dedicated to the AD1555, the AD1556 can also be
used as a very efficient and low power, low pass, digital filter of
a bitstream generated by other
-
modulators.
Architecture
The functional block diagram of the filter portion of the AD1556 is
given in Figure 10. The basic architecture is a two-stage filter.
The second stage has a decimation ratio of 4 for all filters except
at the output word rate of 250 Hz, where the decimation ratio is
8. Each filter is a linear phase equiripple FIR implemented by
summing symmetrical pairs of data samples and then convolut-
ing by multiplication and accumulation.
The input bitstream at 256 kHz enters the first filter and is
multiplied by the 26-bit wide coefficients tallied in Table IV.
Due to the symmetry of the filter, only half of the coefficients
are stored in the internal ROM and each is used twice per con-
volution. Because the multiplication uses a 1-bit input data, the
convolution for the first stage is implemented with a single accu-
mulator 29-bits wide to avoid any truncation in the accumulation
process. The output of the first-stage filter is decimated with the
ratios given in Table IV and then are stored in an internal RAM
which truncates the accumulator result to 24 bits.
The second-stage filter architecture is similar to the first stage.
The main difference is the use of a true multiplier. The multiplier,
the accumulator, and the output register, which are respectively
32-bits, 35-bits and 24-bits wide, introduce some truncation
that does not affect the overall dynamic performance of the
AD1555/AD1556 chipset.
Filter Coefficients
As indicated before, each stage for each filter uses a different
set of coefficients. These coefficients are provided with the
EVAL-AD1555/AD1556EB, the evaluation board for the
AD1555 and the AD1556.
Table IV. Filter Definition
Output Word Rate FO (Hz)
Decimation Ratio
Number of Coefficients
(Sampling Rate [ms])
First Stage
Second Stage
First Stage
Second Stage
16000 [1/16 ms]
4
4
32
118
8000 [1/8 ms]
8
4
64
184
4000 [1/4 ms]
16
4
128
184
2000 [1/2 ms]
32
4
256
184
1000 [1 ms]
64
4
512
184
500 [2 ms]
128
4
1024
184
250 [4 ms]
128
8
1024
364
FIRST-STAGE FILTER
INPUT DATA STORAGE
MODULATOR BITSTREAM
1-BIT WIDE AT 256kbits/s
FIRST-STAGE
FILTER 29-BIT
ACCUMULATOR
MULTIPLIER
35-BIT
ACCUMULATOR
RAM 1024
BY 1 BIT
FIRST-STAGE
FILTER
COEFFICIENTS
ROM 1008 BY 26 BITS
RAM 364 BY 24 BITS
ROM 333 BY 26 BITS
SECOND-STAGE
FILTER INPUT
DATA STORAGE
SECOND-STAGE
FILTER INPUT
COEFFICIENTS
SECOND-STAGE FILTER
124
24
32
26
26
24
Figure 10. AD1556 Filter Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com