Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151RDT6 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STM32L151RDT6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151RDT6 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STM32L151RDT6 Datasheet HTML 23Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 24Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 25Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 26Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 27Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 28Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 29Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 30Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 140 page
background image
STM32L151xD STM32L152xD
Functional overview
Doc ID 022027 Rev 6
27/140
Eight DAC trigger inputs are used in the STM32L15xxD. The DAC channels are triggered
through the timer update outputs that are also connected to different DMA channels.
3.13
Operational amplifier
The STM32L15xxD embeds three operational amplifiers with external or internal follower
routing capability (or even amplifier and filter capability with external components). When
one operational amplifier is selected, one external ADC channel is used to enable output
measurement.
The operational amplifiers feature:
●
Low input bias current
●
Low offset voltage
●
Low power mode
●
Rail-to-rail input
3.14
Ultra-low-power comparators and reference voltage
The STM32L15xxD embeds two comparators sharing the same current bias and reference
voltage. The reference voltage can be internal or external (coming from an I/O).
●
One comparator with fixed threshold
●
One comparator with rail-to-rail inputs, fast or slow mode. The threshold can be one of
the following:
–
DAC output
–
External I/O
–
Internal reference voltage (VREFINT) or a submultiple (1/4, 1/2, 3/4)
Both comparators can wake up from Stop mode, and be combined into a window
comparator.
The internal reference voltage is available externally via a low power / low current output
buffer (driving current capability of 1 µA typical).
3.15
System configuration controller and routing interface
The system configuration controller provides the capability to remap some alternate
functions on different I/O ports.
The highly flexible routing interface allows the application firmware to control the routing of
different I/Os to the TIM2, TIM3 and TIM4 timer input captures. It also controls the routing of
internal analog signals to ADC1, COMP1 and COMP2 and the internal reference voltage
VREFINT.
3.16
Touch sensing
The STM32L15xxD devices provide a simple solution for adding capacitive sensing
functionality to any application. These devices offer up to 34 capacitive sensing channels
distributed over 11 analog I/O groups. Both software and timer capacitive sensing
acquisition modes are supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com