Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151XD Datasheet(PDF) 52 Page - STMicroelectronics

Part # STM32L151XD
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151XD Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STM32L151XD Datasheet HTML 48Page - STMicroelectronics STM32L151XD Datasheet HTML 49Page - STMicroelectronics STM32L151XD Datasheet HTML 50Page - STMicroelectronics STM32L151XD Datasheet HTML 51Page - STMicroelectronics STM32L151XD Datasheet HTML 52Page - STMicroelectronics STM32L151XD Datasheet HTML 53Page - STMicroelectronics STM32L151XD Datasheet HTML 54Page - STMicroelectronics STM32L151XD Datasheet HTML 55Page - STMicroelectronics STM32L151XD Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 140 page
background image
Memory mapping
STM32L151xD STM32L152xD
52/140
Doc ID 022027 Rev 6
5
Memory mapping
Figure 8.
Memory map
reserved
0x40 00 000 0
0x40 00 040 0
0x40 00 080 0
0x40 00 0C00
0x40 00 280 0
0x40 00 2C00
0x40 00 300 0
0x40 00 340 0
0x40 00 380 0
0x40 00 3C00
0x40 00 440 0
0x40 00 480 0
0x40 00 4C00
0x40 01 0C00
0x40 01 100 0
0x40 01 140 0
CRC
0x40 02 300 0
TIM2
Reserve d
0x40 01 080 0
0x40 01 240 0
0x40 01 280 0
0x40 01 300 0
0x40 01 340 0
0x40 01 380 0
TIM3
TIM4
RTC
WWDG
IWDG
SPI2
USART2
USART3
SYSCFG
TIM9
TIM11
rese rve d
ADC
USART1
reserved
0x40 02 200 0
0x40 02 000 0
0x40 00 540 0
0x40 00 580 0
SPI3
reserved
SPI1
I2C1
0x40 00 600 0
0x40 00 5C00
PWR
TIM10
I2C2
reserved
EXTI
reserved
RCC
Flash Interf ace
reserved
DMA2
0x40 00 640 0
0x40 00 700 0
0x40 00 740 0
0x40 00 7C00
0x40 01 040 0
0x40 02 340 0
0x40 02 380 0
0x40 02 3C00
0x40 02 4000
0x40 02 600 0
0x40 02 6400
USB Reg isters
DMA1
0
1
2
3
4
5
6
7
0x200 0 0 000
0x40 00 000 0
0x6 000 000 0
0x80 00 000 0
0xA000 000 0
0xC000 000 0
0xE00 0 0 000
0x FFFF F FFF
0x0 000 000 0
Peripherals
SRAM
Cortex- M3 Internal
Peripherals
0xE010 0 000
MS18582V1
512 byte USB
TIM6
TIM7
LCD
TIM5
0x4000 1000
0x4000 1400
0x4000 2400
0x4000 1C00
DAC1 & 2
0x4000 7800
Port A
Port B
Port C
Port D
Port E
Port H
Port F
0x4002 1C00
0x4002 1800
0x4002 1400
0x4002 1000
0x4002 0C00
0x4002 0800
0x4002 0400
COMP + RI
Flash memory
reserved
rese rved
0x0 800 000 0
0x0 802 FFFF
0x1 FF0 000 0
0x1 FF8 001 F
System memory
0x1 FF0 0FFF
0x1 FF8 000 0
Aliased to Flash or system
memory depending on
BOOT pins
0x0000 0000
rese rved
Data EEPROM
rese rved
0x0 808 000 0
0x0 808 17FF
0x40 01 000 0
reserved
UART5
UART4
0x40 00 500 0
0x40 00 800 0
reserved
0x40 01 2C00
0x40 01 3C00
SDIO
Port G
reserved
FSMC
external memory
0x70 00 000 0
FSMC registers
0x40 02 67FF
reserved
reserved
Non-
volatile
memory
reserved
0x40 00 400 0
Bank 1
0x0 805 FFFF
Flash memory
Bank 2
Bank 1
Data EEPROM
Bank 2
0x0 808 2FFF
Bank 1
0x1 FF0 1FFF
System memory
Bank 2
Option Bytes
Bank 2
rese rved
0x1 FF8 008 0
0x1 FF8 009F
Option Bytes
Bank 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com