Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP18N55M5 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STP18N55M5
Description  N-channel 550 V, 0.18 廓, 13 A, MDmesh??V Power MOSFET in D짼PAK, DPAK, TO-220FP and TO-220
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP18N55M5 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STP18N55M5 Datasheet HTML 13Page - STMicroelectronics STP18N55M5 Datasheet HTML 14Page - STMicroelectronics STP18N55M5 Datasheet HTML 15Page - STMicroelectronics STP18N55M5 Datasheet HTML 16Page - STMicroelectronics STP18N55M5 Datasheet HTML 17Page - STMicroelectronics STP18N55M5 Datasheet HTML 18Page - STMicroelectronics STP18N55M5 Datasheet HTML 19Page - STMicroelectronics STP18N55M5 Datasheet HTML 20Page - STMicroelectronics STP18N55M5 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
STB18N55M5, STD18N55M5, STF18N55M5, STP18N55M5
Package mechanical data
Doc ID 17078 Rev 2
17/22
Figure 28.
D²PAK (TO-263) drawing
Figure 29.
D²PAK footprint(b)
b.
All dimension are in millimeters
0079457_P
16.90
10.30
8.90
3.70
5.08
1.30
Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com