Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5246BKSZ100-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5246BKSZ100-R2
Description  128-Position I2C-Compatible Digital Resistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5246BKSZ100-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5246BKSZ100-R2 Datasheet HTML 8Page - Analog Devices AD5246BKSZ100-R2 Datasheet HTML 9Page - Analog Devices AD5246BKSZ100-R2 Datasheet HTML 10Page - Analog Devices AD5246BKSZ100-R2 Datasheet HTML 11Page - Analog Devices AD5246BKSZ100-R2 Datasheet HTML 12Page - Analog Devices AD5246BKSZ100-R2 Datasheet HTML 13Page - Analog Devices AD5246BKSZ100-R2 Datasheet HTML 14Page - Analog Devices AD5246BKSZ100-R2 Datasheet HTML 15Page - Analog Devices AD5246BKSZ100-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AD5246
Data Sheet
Rev. C | Page 16 of 16
OUTLINE DIMENSIONS
1.30 BSC
COMPLIANT TO JEDEC STANDARDS MO-203-AB
1.00
0.90
0.70
0.46
0.36
0.26
2.20
2.00
1.80
2.40
2.10
1.80
1.35
1.25
1.15
0.10 MAX
1.10
0.80
0.40
0.10
0.22
0.08
3
1
2
4
6
5
0.65 BSC
COPLANARITY
0.10
SEATING
PLANE
0.30
0.15
Figure 36. 6-Lead Thin Shrink Small Outline Transistor Package [SC70]
(KS-6)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
RAB (kΩ)
Temperature Range
Package Description
Package Option
Branding
AD5246BKSZ5-RL7
5
–40°C to +125°C
6-lead SC70
KS-6
D93
AD5246BKSZ10-R2
10
–40°C to +125°C
6-lead SC70
KS-6
D92
AD5246BKSZ10-RL7
10
–40°C to +125°C
6-lead SC70
KS-6
D92
AD5246BKSZ50-RL7
50
–40°C to +125°C
6-lead SC70
KS-6
D94
AD5246BKSZ100-R2
100
–40°C to +125°C
6-lead SC70
KS-6
D9D
AD5246BKSZ100-RL7
100
–40°C to +125°C
6-lead SC70
KS-6
D9D
EVAL-AD5246DBZ
Evaluation Board
1
Z = RoHS Compliant Part.
2
The evaluation board is shipped with the 10 kΩ RAB resistor option; however, the board is compatible with all available resistor value options.
Purchase of licensed I2C components of Analog Devices or one of its sublicensed Associated Companies conveys a license for the purchaser under the Philips I2C Patent
Rights to use these components in an I2C system, provided that the system conforms to the I2C Standard Specification as defined by Philips.
© 2003–2012 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D03875–0–5/12(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com