Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7450ARMZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD7450ARMZ
Description  Differential Input, 1 MSPS 12-Bit ADC in SOIC-8 and SO-8
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7450ARMZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7450ARMZ Datasheet HTML 7Page - Analog Devices AD7450ARMZ Datasheet HTML 8Page - Analog Devices AD7450ARMZ Datasheet HTML 9Page - Analog Devices AD7450ARMZ Datasheet HTML 10Page - Analog Devices AD7450ARMZ Datasheet HTML 11Page - Analog Devices AD7450ARMZ Datasheet HTML 12Page - Analog Devices AD7450ARMZ Datasheet HTML 13Page - Analog Devices AD7450ARMZ Datasheet HTML 14Page - Analog Devices AD7450ARMZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
AD7450
–11–
CM*
VREF p-p
CM*
*CM = COMMON-MODE VOLTAGE
VIN+
VIN–
VDD
SCLK
SDATA
CS
GND
VREF
SERIAL
INTERFACE
3V/5V
SUPPLY
1.25V/2.5V
VREF
0.1 F
10 F
AD7450
VREF p-p
0.1 F
C/ P
Figure 6. Typical Connection Diagram
THE ANALOG INPUT
The analog input of the AD7450 is fully differential. Differential
signals have a number of benefits over single-ended signals,
including noise immunity based on the device’s common-mode
rejection, improvements in distortion performance, doubling of
the device’s available dynamic range, and flexibility in input ranges
and bias points.
Figure 7 defines the fully differential analog input of the AD7450.
VIN+
AD7450
VIN–
VREF p-p
COMMON-MODE
VOLTAGE
VREF p-p
Figure 7. Differential Input Definition
The amplitude of the differential signal is the difference between
the signals applied to the VIN+ and VIN– pins (i.e., VIN+ – VIN–).
VIN+ and VIN– are simultaneously driven by two signals each of
amplitude VREF that are 180
° out of phase. The amplitude of
the differential signal is therefore –VREF to +VREF p-p
(i.e., 2
VREF). This is regardless of the common mode (CM).
The common mode is the average of the two signals, i.e.,
(VIN+ + VIN–)/2, and is therefore the voltage that the two inputs
are centered on. This results in the span of each input being
CM
± VREF/2. This voltage has to be set up externally and its
range varies with VREF. As the value of VREF increases, the com-
mon-mode range decreases. When driving the inputs with an
amplifier, the actual common-mode range will be determined
by the amplifier’s output voltage swing.
Figures 8 and 9 show how the common-mode range typically
varies with VREF for both a 5 V and a 3 V power supply. The
common mode must be in this range to guarantee the
functionality of the AD7450.
For ease of use, the common mode can be set up to be equal to
VREF, resulting in the differential signal being
±V
REF centered
on VREF. When a conversion takes place, the common mode is
rejected resulting in a virtually noise free signal of amplitude
–VREF to +VREF corresponding to the digital codes of 0 to 4095.
VREF
5.0
0
0.25
0.75
1.75
2.25
2.75
3.25 3.50
1.25
4.5
2.0
1.5
1.0
0.5
3.5
2.5
4.0
3.0
COMMON-MODE RANGE
3.25V
1.75V
Figure 8. Input Common-Mode Range vs. VREF
(VDD = 5 V and VREF (Max) = 3.5 V)
VREF
0
2.0
1.5
1.0
0.5
2.5
3.0
0.25
0.50
1.00
1.25
1.50
2.00
2.20
0.75
1.75
COMMON-MODE RANGE
2V
1V
Figure 9. Input Common-Mode Range vs. VREF (VDD = 3 V
and VREF (Max) = 2.2 V)
Figure 10 shows examples of the inputs to VIN+ and VIN– for
different values of VREF for VDD = 5 V. It also gives the maxi-
mum and minimum common-mode voltages for each reference
value according to Figure 8.
Rev. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com