Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7836ASZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD7836ASZ
Description  LC2MOS Quad 14-Bit DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7836ASZ Datasheet(HTML) 3 Page - Analog Devices

  AD7836ASZ Datasheet HTML 1Page - Analog Devices AD7836ASZ Datasheet HTML 2Page - Analog Devices AD7836ASZ Datasheet HTML 3Page - Analog Devices AD7836ASZ Datasheet HTML 4Page - Analog Devices AD7836ASZ Datasheet HTML 5Page - Analog Devices AD7836ASZ Datasheet HTML 6Page - Analog Devices AD7836ASZ Datasheet HTML 7Page - Analog Devices AD7836ASZ Datasheet HTML 8Page - Analog Devices AD7836ASZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD7836
–3–
REV. A
TIMING SPECIFICATIONS1
Parameter
Limit at TMIN, TMAX
Units
Description
t1
15
ns min
A0, A1, A2 to WR Setup Time
t2
0
ns min
A0, A1, A2 to WR Hold Time
t3
0
ns min
CS to WR Setup Time
t4
0
ns min
WR to CS Hold Time
t5
44
ns min
WR Pulsewidth
t6
15
ns min
Data Setup Time
t7
4.5
ns min
Data Hold Time
t8
44
ns min
WR Pulse Interval
t9
16
µs typ
Settling Time
t10
300
ns max
CLR Pulse Activation Time
NOTES
1All input signals are specified with tr = tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V.
2Rise and fall times should be no longer than 50 ns.
Specifications subject to change without notice.
(VCC = +5 V
5%; VDD = +15 V
5%; VSS = –15 V
5%; AGND = DGND = 0 V)
t2
t1
t3
t4
t5
t8
t6
t7
t9
t10
DATA
WR
CS
VOUT
CLR
A0, A1, A2
VOUT
Figure 1. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com