Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7714YN Datasheet(PDF) 13 Page - Analog Devices

Part # AD7714YN
Description  3 V/5 V, CMOS, 500 mu A Signal Conditioning ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7714YN Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7714YN Datasheet HTML 9Page - Analog Devices AD7714YN Datasheet HTML 10Page - Analog Devices AD7714YN Datasheet HTML 11Page - Analog Devices AD7714YN Datasheet HTML 12Page - Analog Devices AD7714YN Datasheet HTML 13Page - Analog Devices AD7714YN Datasheet HTML 14Page - Analog Devices AD7714YN Datasheet HTML 15Page - Analog Devices AD7714YN Datasheet HTML 16Page - Analog Devices AD7714YN Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
2
AD7714
REV. C
–13–
BUFFERED MODE NOISE
Table III shows the typical output rms noise and effective resolution for some typical notch and –3 dB frequencies for the AD7714-
5 with fCLK IN = 2.4576 MHz and BUFFER = +5 V. Table IV gives the information for the AD7714-3 again with fCLK IN = 2.4576
MHz and BUFFER = +5 V. The numbers given are for the bipolar input ranges and are generated with a differential analog input
voltage of 0 V. For the AD7714-5, the VREF voltage is +2.5 V while for the AD7714 the VREF voltage is +1.25 V. The numbers in
brackets in each table are for the effective resolution of the part (rounded to the nearest 0.5 LSB). The effective resolution of the
device is defined as the ratio of the output rms noise to the input full scale (i.e., 2
× V
REF/GAIN). It should be noted that it is not
calculated using peak-to-peak output noise numbers. Peak-to-peak noise numbers can be up to 6.6 times the rms numbers while
effective resolution numbers based on peak-to-peak noise can be 2.5 bits below the effective resolution based on rms noise as quoted
in the tables.
Table III. AD7714-5 Buffered Mode Output Noise/Resolution for fCLK IN = 2.4576 MHz
Filter First
Typical Output RMS Noise in
V (Effective Resolution in Bits)
Notch & O/P
–3 dB
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Data Rate
Frequency
1
2
4
8
16
32
64
128
5 Hz
1.31 Hz
0.99
(22.5)
0.68
(22)
0.46 (21.5) 0.26 (21)
0.26 (20)
0.26 (19)
0.26 (18)
0.26 (17)
10 Hz
2.62 Hz
1.5
(21.5)
0.95
(21.5)
0.63 (21)
0.41 (20.5) 0.39 (19.5) 0.36 (18.5) 0.36 (17.5) 0.36 (16.5)
25 Hz
6.55 Hz
2.5
(21)
1.7
(20.5)
0.88 (20.5) 0.75 (19.5) 0.57 (19)
0.57 (18)
0.57 (17)
0.56 (16)
30 Hz
7.86 Hz
2.9
(20.5)
1.8
(20.5)
1
(20)
0.87 (19.5) 0.75 (18.5) 0.72 (17.5) 0.72 (16.5) 0.71 (15.5)
50 Hz
13.1 Hz
4.2
(20)
2.5
(20)
1.5
(19.5) 1.1
(19)
0.94 (18.5) 0.94 (17.5) 0.94 (16.5) 0.87 (15.5)
60 Hz
15.72 Hz
6.1
(19.5)
2.9
(19.5)
2
(19.5) 1.2
(19)
1
(18.5) 0.97 (17.5) 0.95 (16.5) 0.94 (15.5)
100 Hz
26.2 Hz
13.8
(18.5)
6.5
(18.5)
3.5
(18.5) 2.2
(18)
1.3
(18)
1.2
(17)
1.3
(16)
1.1
(15)
250 Hz
65.5 Hz
87
(16)
56
(15.5)
25
(15.5) 11
(15.5) 5.7
(15.5) 3.6
(15.5) 2.4
(15)
2.1
(14)
500 Hz
131 Hz
508
(13.5)
241
(13.5)
117 (13.5) 73
(13)
34
(13)
16
(13)
8.5
(13)
5.2
(13)
1 kHz
262 Hz
2860 (11)
1700 (10.5)
745 (10.5) 480 (10.5) 197 (10.5) 94
(10.5) 53
(10.5) 23
(10.5)
Table IV. AD7714-3 Buffered Mode Output Noise/Resolution for fCLK IN = 2.4576 MHz
Filter First
Typical Output RMS Noise in
V (Effective Resolution in Bits)
Notch & O/P
–3 dB
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Data Rate
Frequency
1
2
4
8
16
32
64
128
5 Hz
1.31 Hz
1.16
(21)
0.76
(20.5)
0.34 (20)
0.29 (20)
0.29 (19)
0.28 (18)
0.26 (17)
0.26 (16)
10 Hz
2.62 Hz
1.7
(20.5)
1
(20.5)
0.7
(20)
0.46 (19.5) 0.45 (18.5) 0.4
(17.5) 0.4
(16.5) 0.4
(15.5)
25 Hz
6.55 Hz
3.5
(19.5)
1.8
(19.5)
1.1
(19)
0.74 (18.5) 0.63 (18)
0.6
(17)
0.6
(16)
0.6
(15)
30 Hz
7.86 Hz
3.7
(19.5)
2.2
(19)
1.3
(19)
0.76 (18.5) 0.68 (18)
0.66 (17)
0.66 (16)
0.66 (15)
50 Hz
13.1 Hz
4.5
(19)
3
(18.5)
1.7
(18.5) 1.0
(18)
0.92 (17.5) 0.9
(16.5) 0.89 (15.5) 0.89 (14.5)
60 Hz
15.72 Hz
5.3
(19)
3.3
(18.5)
1.8
(18.5) 1.1
(18)
1
(17)
0.96 (16.5) 0.96 (15.5) 0.96 (14.5)
100 Hz
26.2 Hz
10
(18)
4.9
(18)
3.1
(17.5) 1.5
(17.5) 1.2
(17)
1.2
(16)
1.2
(15)
1.2
(14)
250 Hz
65.5 Hz
47
(15.5)
29
(15.5)
15
(15.5) 7.5
(15.5) 4.7
(15)
2.6
(15)
2.5
(14)
1.6
(13.5)
500 Hz
131 Hz
300
(13.5)
171
(13)
74
(13)
35
(13)
21
(13)
8.6
(13)
5.6
(13)
3.1
(12.5)
1 kHz
262 Hz
1722 (10.5)
735
(10.5)
380 (10.5) 230 (10.5) 93
(10.5) 55
(10.5) 30
(10.5) 12
(10.5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com