Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7836AS Datasheet(PDF) 5 Page - Analog Devices

Part # AD7836AS
Description  LC2MOS Quad 14-Bit DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7836AS Datasheet(HTML) 5 Page - Analog Devices

  AD7836AS Datasheet HTML 1Page - Analog Devices AD7836AS Datasheet HTML 2Page - Analog Devices AD7836AS Datasheet HTML 3Page - Analog Devices AD7836AS Datasheet HTML 4Page - Analog Devices AD7836AS Datasheet HTML 5Page - Analog Devices AD7836AS Datasheet HTML 6Page - Analog Devices AD7836AS Datasheet HTML 7Page - Analog Devices AD7836AS Datasheet HTML 8Page - Analog Devices AD7836AS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD7836
–5–
REV. A
PIN DESCRIPTION
Pin Mnemonic
Description
VCC
Logic Power Supply; +5 V
± 5%.
VSS
Negative Analog Power Supply; –15 V
± 5%.
VDD
Positive Analog Power Supply; +15 V
± 5%.
DGND
Digital Ground.
AGND
Analog Ground.
VREF(+)A, VREF(–)A
Reference Inputs for DAC A. These reference voltages are referred to AGND.
VREF(+)B, VREF(–)B
Reference Inputs for DAC B. These reference voltages are referred to AGND.
VREF(+)C, VREF(–)C
Reference Inputs for DAC C. These reference voltages are referred to AGND.
VREF(+)D, VREF(–)D
Reference Inputs for DAC D. These reference voltages are referred to AGND.
VOUTA ... VOUTD
DAC Outputs.
CS
Level-Triggered Chip Select Input (active low). The device is selected when this input is low.
DB0 . . . DB13
Parallel Data Inputs. The AD7836 can accept a straight 14-bit parallel word on DB0 to DB13 where
DB13 is the MSB and DB0 is the LSB.
A0, A1, A2
Address inputs. A0, A1 and A2 are decoded to select one of the five input latches for a data transfer.
CLR
Asynchronous Clear Input (level sensitive, active low). When this input is low, all analog outputs are
switched to the externally set potential on the DUTGND pin. The contents of data registers A to E are
not affected when the CLR pin is taken low. When CLR is brought back high, the DAC outputs revert
back to their original outputs as determined by the data in their data registers.
WR
Level-Triggered Write Input (active low), when active and used in conjunction with CS to write data to
the AD7836 input buffer. Data is latched into the selected data register on the rising edge of WR.
DUTGND A
Device Sense Ground for DAC A. Vout A is referenced to the voltage applied to this pin.
DUTGND B
Device Sense Ground for DAC B. Vout B is referenced to the voltage applied to this pin.
DUTGND C
Device Sense Ground for DAC C. Vout C is referenced to the voltage applied to this pin.
DUTGND D
Device Sense Ground for DAC D. Vout D is referenced to the voltage applied to this pin.
SEL
Select pin, active high level triggered input. When the SEL input is high, the user programmed value in
DATAREG E will be loaded into all DAC registers and the DAC outputs updated accordingly. The con-
tents of the other DATA REGs (A–D) will not be affected by the SEL pin.
PIN CONFIGURATION
12
13
14
15
16
17
18
19
21
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
AD7836
NC = NO CONNECT
20
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
1
23
456789
10 11
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DGND
VCC
CLR
VOUTC
VREF(–)C
VREF(+)C
AGND
NC
VDD
NC
VSS
VREF(+)A
VREF(–)A
VOUTA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com