Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8210YR-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8210YR-R7
Description  High Voltage, Bidirectional Current Shunt Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8210YR-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8210YR-R7 Datasheet HTML 2Page - Analog Devices AD8210YR-R7 Datasheet HTML 3Page - Analog Devices AD8210YR-R7 Datasheet HTML 4Page - Analog Devices AD8210YR-R7 Datasheet HTML 5Page - Analog Devices AD8210YR-R7 Datasheet HTML 6Page - Analog Devices AD8210YR-R7 Datasheet HTML 7Page - Analog Devices AD8210YR-R7 Datasheet HTML 8Page - Analog Devices AD8210YR-R7 Datasheet HTML 9Page - Analog Devices AD8210YR-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8210
Data Sheet
Rev. D | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
200
–200
–40
TEMPERATURE (°C)
180
160
140
120
100
80
60
40
20
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
–30
–20
–10
0
10
20
30
40
50
60
70
80
90
100
110
120
Figure 4. Typical Offset Drift
140
60
100
100k
FREQUENCY (Hz)
1k
10k
130
120
110
100
90
80
70
+25°C
–40°C
+125°C
Figure 5. CMRR vs. Frequency and Temperature
(Common-Mode Voltage < 5 V)
140
60
100
100k
FREQUENCY (Hz)
1k
10k
130
120
110
100
90
80
70
+25°C
–40°C
+125°C
Figure 6. CMRR vs. Frequency and Temperature
(Common-Mode Voltage > 5 V)
2000
–2000
–40
TEMPERATURE (°C)
–30
–20
–10
0
10
20
30
40
50
60
70
80
90
100
110
120
1600
1200
800
400
0
–400
–800
–1200
–1600
Figure 7. Typical Gain Drift
30
–50
10
10M
FREQUENCY (Hz)
100
1k
10k
100k
1M
25
20
15
10
5
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
Figure 8. Typical Small Signal Bandwidth (VOUT = 200 mV p-p)
400ns/DIV
100mV/DIV
500mV/DIV
Figure 9. Fall Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com