Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8280 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8280
Description  Lithium Ion Battery Safety Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8280 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8280 Datasheet HTML 16Page - Analog Devices AD8280 Datasheet HTML 17Page - Analog Devices AD8280 Datasheet HTML 18Page - Analog Devices AD8280 Datasheet HTML 19Page - Analog Devices AD8280 Datasheet HTML 20Page - Analog Devices AD8280 Datasheet HTML 21Page - Analog Devices AD8280 Datasheet HTML 22Page - Analog Devices AD8280 Datasheet HTML 23Page - Analog Devices AD8280 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD8280
Rev. C | Page 21 of 24
TESTI
AIOUTxx/AVOUTxx
TEST OK
AIOUTxx/AVOUTxx
TEST FAILS
AIOUTxx/AVOUTxx
ALARMED
TEST OK
NORMAL OPERATION
DURING SELF-TEST MODE
UNALARMED
AIOUTxx/AVOUTxx
ALARMED
AIOUTxx/AVOUTxx
LOW AT FALLING EDGE OF TESTI:
PART PASSES SELF-TEST
HIGH AT FALLING EDGE OF TESTI:
PART FAILS SELF-TEST
Figure 51. Timing Diagram for Alarms at AIOUTxx and AVOUTxx
Self-Test and Alarm Conditions
If an alarm occurs just prior to or just after the self-test pulse is
initiated, the alarm causes the self-test to fail. The time span for
this condition depends on the deglitch time.
•
Deglitch time = 0.0 sec. The part fails self-test if an alarm
occurs in the time period from 20 ms before the leading
edge of the self-test pulse to 20 ms after the leading edge
of the self-test pulse.
•
Deglitch time > 0.0 sec. The part fails self-test if an alarm
occurs in the time period from 120 ms before the leading
edge of the self-test pulse to 120 ms after the leading edge
of the self-test pulse.
Therefore, in the unusual circumstance that the part fails self-
test and there is an alarm condition state after the self-test, it
is recommended that the user retest the part to ensure that
an alarm did not occur just prior to or just after initiating the
self-test.
The self-test works when the part is in the shared alarm mode
or in the separate alarm mode. When the part is in the separate
alarm mode, the self-test status on an output pertains only to
that portion of the internal circuit relevant to the condition being
monitored: overvoltage, undervoltage, or overtemperature.
Self-Test Timing and Monitoring Strategy
When monitoring the signals for self-test on the AD8280, note
the following items:
•
After initiating a self-test of the AD8280 with a rising edge
on the TESTI pin, the alarm appearing at the AVOUTxx
pin remains valid up to tRE max.
•
When the rising edge of the TESTI pulse occurs, the user
should monitor the AVOUTxx pin to make sure that it is
in the high state after the tRE max time has elapsed.
•
After the tST max time has elapsed, the user can verify that
the AVOUTxx pin has changed to the low state, indicating
that the part or parts passed the self-test. The user must
also ensure that the minimum length of the TESTI pulse
is greater than tST max. The status of the self-test on the
AVOUTxx pin is valid until tSTV min after the trailing edge
of the TESTI pulse.
•
The alarm state is valid again tFE max after the trailing edge
of the pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com