Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8132ARZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # AD8132ARZ-R7
Description  Low Cost, High Speed Differential Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8132ARZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD8132ARZ-R7 Datasheet HTML 22Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 23Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 24Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 25Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 26Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 27Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 28Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 29Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
AD8132
Rev. I | Page 25 of 32
LAYOUT, GROUNDING, AND BYPASSING
As a high speed part, the AD8132 is sensitive to the printed
circuit board (PCB) environment in which it operates. Realizing
its superior specifications requires attention to various details of
good high speed PCB design.
The first requirement is a good solid ground plane that covers as
much of the board area around the AD8132 as possible. The only
exception to this is that the two input pins (Pin 1 and Pin 8) are
kept a few millimeters from the ground plane and that ground
be removed from inner layers and the opposite side of the board
under the input pins. This minimizes the stray capacitance on
these nodes and helps preserve the gain flatness vs. the frequency.
Bypass the power supply pins as close as possible to the device
to the nearby ground plane and use good high frequency ceramic
chip capacitors. Do this bypassing with a capacitance value
of 0.01 μF to 0.1 μF for each supply. Farther away, provide low
frequency bypassing with 10 μF tantalum capacitors from each
supply to ground.
Keep the signal routing short and direct to avoid parasitic effects.
Wherever there are complementary signals, a symmetrical
layout with matched lengths must be provided to the extent
possible to maximize the balance performance. When running
differential signals over a long distance, place the traces on
the PCB close together or twist together any differential wiring
to minimize the area of the loop that is formed. This reduces
the radiated energy and makes the circuit less susceptible to
interference.
CIRCUITS
RF1
+
RF2
RG1
RG2
Figure 67. Typical Four-Resistor Feedback Circuit
+
RF2
RG2
VIN
Figure 68. Typical Circuit with β1 = 0
RF1
+
RG1
Figure 69. Typical Circuit with β2 = 1
+
VIN
Figure 70. G = +2 Circuit with β1 = 0, Without Resistors
RF1
+
RG1
VIN
Figure 71. Typical Circuit with β2 = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com