Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8657ARMZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8657ARMZ-R7
Description  22 mu A, RRIO, CMOS,18 V Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8657ARMZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8657ARMZ-R7 Datasheet HTML 14Page - Analog Devices AD8657ARMZ-R7 Datasheet HTML 15Page - Analog Devices AD8657ARMZ-R7 Datasheet HTML 16Page - Analog Devices AD8657ARMZ-R7 Datasheet HTML 17Page - Analog Devices AD8657ARMZ-R7 Datasheet HTML 18Page - Analog Devices AD8657ARMZ-R7 Datasheet HTML 19Page - Analog Devices AD8657ARMZ-R7 Datasheet HTML 20Page - Analog Devices AD8657ARMZ-R7 Datasheet HTML 21Page - Analog Devices AD8657ARMZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD8657/AD8659
Data Sheet
Rev. B | Page 18 of 24
0
0.5
1.0
1.5
2.0
2.5
3.0
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VSY = 2.7V
VIN = 2.6V
RL = 1MΩ
AV = 1
Figure 62. Output Swing vs. Frequency
0.01
0.1
1
10
10
100
1k
10k
100k
FREQUENCY (Hz)
VSY = 2.7V
VIN = 0.2V RMS
RL = 1MΩ
AV = 1
Figure 63. THD + N vs. Frequency
–140
–120
–100
–80
–60
–40
–20
0
100
1k
10k
100k
FREQUENCY (Hz)
VIN = 0.5V p-p
VIN = 1.5V p-p
VIN = 2.6V p-p
VSY = 2.7V
RL = 1MΩ
AV = –100
RL
1MΩ
10kΩ
Figure 64. Channel Separation vs. Frequency
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
0
2
4
6
8
10
12
14
16
18
20
VSY = 18V
VIN = 17.9V
RL = 1MΩ
AV = 1
Figure 65. Output Swing vs. Frequency
0.001
0.01
0.1
1
10
100
10
100
1k
10k
100k
FREQUENCY (Hz)
VSY = 18V
VIN = 0.2V RMS
RL = 1MΩ
AV = 1
Figure 66. THD + N vs. Frequency
–140
–120
–100
–80
–60
–40
–20
0
100
1k
10k
100k
FREQUENCY (Hz)
VSY = 18V
RL = 1MΩ
AV = –100
VIN = 1V p-p
VIN = 5V p-p
VIN = 10V p-p
VIN = 15V p-p
VIN = 17V p-p
RL
1MΩ
10kΩ
Figure 67. Channel Separation vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com