Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8052ARM Datasheet(PDF) 13 Page - Analog Devices

Part # AD8052ARM
Description  Low Cost, High Speed, Rail-to-Rail Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8052ARM Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8052ARM Datasheet HTML 9Page - Analog Devices AD8052ARM Datasheet HTML 10Page - Analog Devices AD8052ARM Datasheet HTML 11Page - Analog Devices AD8052ARM Datasheet HTML 12Page - Analog Devices AD8052ARM Datasheet HTML 13Page - Analog Devices AD8052ARM Datasheet HTML 14Page - Analog Devices AD8052ARM Datasheet HTML 15Page - Analog Devices AD8052ARM Datasheet HTML 16Page - Analog Devices AD8052ARM Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
AD8051/AD8052/AD8054
Rev. J | Page 12 of 24
FUNDAMENTAL FREQUENCY (MHz)
–20
–30
–110
–70
–80
–90
–100
–50
–60
–40
12
3
4
5
6
7
8 9 10
VOUT = 2V p-p
VS = 3V, G = –1
RF = 2kΩ, RL = 100Ω
VS = 5V, G = +2
RF = 2kΩ, RL = 100Ω
VS = 5V, G = +1
RL = 100Ω
VS = 5V, G = +1
RL = 2kΩ
VS = 5V, G = +2
RF = 2kΩ, RL = 2kΩ
Figure 19. Total Harmonic Distortion
OUTPUT VOLTAGE (V p-p)
05.0
4.5
–30
–40
–120
–80
–90
–100
–110
–60
–70
–50
–130
–140
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VS = 5V
RL = 2kΩ
G = +2
10MHz
5MHz
1MHz
Figure 20. Worst Harmonic vs. Output Voltage
0.05
0.00
–0.05
–0.10
–0.15
–0.20
–0.25
0.10
MODULATING RAMP LEVEL (IRE)
0.10
–0.06
0.08
0.06
0.04
0.02
0.00
–0.02
–0.04
NTSC SUBSCRIBER (3.58MHz)
0
102030
40506070
80
90
100
0
102030
40506070
80
90
100
RL = 150Ω
RL = 1kΩ
RL = 150Ω
RL = 1kΩ
VS = 5V, G = +2
RF = 2kΩ, RL AS SHOWN
VS = 5V, G = +2
RF = 2kΩ, RL AS SHOWN
Figure 21. AD8051/AD8052 Differential Gain and Phase Errors
1000
100
1
10
10M
100
1k
10k
100k
1M
10
FREQUENCY (Hz)
VS = 5V
Figure 22. Input Voltage Noise vs. Frequency
100
10
0.1
1
10
10M
100
1k
10k
100k
1M
FREQUENCY (Hz)
VS = 5V
Figure 23. Input Current Noise vs. Frequency
0.10
–0.10
0.05
0.00
–0.05
0.2
0.1
0.0
–0.1
–0.2
–0.3
0.3
MODULATING RAMP LEVEL (IRE)
NTSC SUBSCRIBER (3.58MHz)
RL = 150Ω
RL = 1kΩ
RL = 150Ω
RL = 1kΩ
VS = 5V, G = +2
RF = 2kΩ, RL AS SHOWN
VS = 5V, G = +2
RF = 2kΩ, RL AS SHOWN
1ST 2ND 3RD 4TH 5TH 6TH 7TH 8TH 9TH 10TH 11TH
1ST 2ND 3RD 4TH 5TH 6TH 7TH 8TH 9TH 10TH 11TH
Figure 24. AD8054 Differential Gain and Phase Errors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com