Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD5902T7K Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # UPD5902T7K
Description  CMOS Integrated Circuits High Power SPDT Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD5902T7K Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button UPD5902T7K Datasheet HTML 5Page - Renesas Technology Corp UPD5902T7K Datasheet HTML 6Page - Renesas Technology Corp UPD5902T7K Datasheet HTML 7Page - Renesas Technology Corp UPD5902T7K Datasheet HTML 8Page - Renesas Technology Corp UPD5902T7K Datasheet HTML 9Page - Renesas Technology Corp UPD5902T7K Datasheet HTML 10Page - Renesas Technology Corp UPD5902T7K Datasheet HTML 11Page - Renesas Technology Corp UPD5902T7K Datasheet HTML 12Page - Renesas Technology Corp UPD5902T7K Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
μPD5902T7K
R09DS0046EJ0200 Rev.2.00
Page 9 of 12
Nov 19, 2012
−65
−70
−75
−80
−85
−90
−95
−65
−70
−75
−80
−85
−90
−95
−65
−70
−75
−80
−85
−90
−95
−65
−70
−75
−80
−85
−90
−95
RFC-RF1/RF2
INSERTION LOSS vs. INPUT POWER
RFC-RF1/RF2
INSERTION LOSS vs. INPUT POWER
RFC-RF1/RF2
2nd HARMONICS vs. INPUT POWER
RFC-RF1/RF2
3rd HARMONICS vs. INPUT POWER
RFC-RF1/RF2
2nd HARMONICS vs. INPUT POWER
RFC-RF1/RF2 3rd HARMONICS vs.
INPUT POWER
Input Power Pin (dBm)@ f = 0.9 GHz
Input Power Pin (dBm)@f = 2.0 GHz
Input Power Pin (dBm)@f = 0.9 GHz
Input Power Pin (dBm)@f = 2.0 GHz
Input Power Pin (dBm)@f = 2.0 GHz
Input Power Pin (dBm)@f = 0.9 GHz
0.00
−0.20
−0.40
−0.60
−0.80
−1.00
−1.20
−1.40
0.00
−0.20
−0.40
−0.60
−0.80
−1.00
−1.20
−1.40
30
32
34
36
38
40
30
32
34
36
38
40
30
32
34
36
38
40
30
32
34
36
38
40
30
32
34
36
38
40
30
32
34
36
38
40
TA = 25
°C
TA = 85
°C
TA =
−40 °C
TA = 25
°C
TA = 85
°C
TA =
−40 °C
TA = 25
°C
TA = 85
°C
TA =
−40 °C
TA = 25
°C
TA = 85
°C
TA =
−40 °C
TA = 25
°C
TA = 85
°C
TA =
−40 °C
TA = 25
°C
TA = 85
°C
TA =
−40 °C
Remark The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com