Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT1812S14BAUTOG Datasheet(PDF) 2 Page - EPCOS

Part # CT1812S14BAUTOG
Description  Ceramic transient voltage suppressors SMD multilayer varistor, E series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CT1812S14BAUTOG Datasheet(HTML) 2 Page - EPCOS

  CT1812S14BAUTOG Datasheet HTML 1Page - EPCOS CT1812S14BAUTOG Datasheet HTML 2Page - EPCOS CT1812S14BAUTOG Datasheet HTML 3Page - EPCOS CT1812S14BAUTOG Datasheet HTML 4Page - EPCOS CT1812S14BAUTOG Datasheet HTML 5Page - EPCOS CT1812S14BAUTOG Datasheet HTML 6Page - EPCOS CT1812S14BAUTOG Datasheet HTML 7Page - EPCOS CT1812S14BAUTOG Datasheet HTML 8Page - EPCOS CT1812S14BAUTOG Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Ceramic transient voltage suppressors
B72580E1140S262
SMD multilayer varistor, E series
CT1812S14BAUTOG
PPD ML PD
2012-11-07
Please read Cautions and warnings and
Page 2 of 14
Important notes at the end of this document.
Description
The E series multilayer ceramic varistors has been developed to protect automotive
electronic circuits against transient overvoltages, such as electrostatic discharges and surge
currents.
Features
Reliable ESD protection up to 30 kV acc. to IEC 61000-4-2
High energy absorption capability
Low leakage current
No temperature derating up to 150 °C
High life time robustness
Stable protection level
RoHS-compatible, lead-free
Qualified based on AEC-Q200
PSpice simulation models available
Designation system
CT
C
hip with three-layer-termination (Ag/Ni/Sn)
1812
Dimensions of the device 18 x 12 (length x width in 1/100 inch)
S...B
S
pecial tolerance B of the varistor voltage
14
Maximum RMS operating voltage
AUTO Suited for AUTOmotive application
G
Taped version, cardboard tape, 7" reel (1500 pcs./ reel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com