Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16448AMLZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADIS16448AMLZ
Description  Compact, Precision Ten Degrees of Freedom Inertial Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16448AMLZ Datasheet(HTML) 2 Page - Analog Devices

  ADIS16448AMLZ Datasheet HTML 1Page - Analog Devices ADIS16448AMLZ Datasheet HTML 2Page - Analog Devices ADIS16448AMLZ Datasheet HTML 3Page - Analog Devices ADIS16448AMLZ Datasheet HTML 4Page - Analog Devices ADIS16448AMLZ Datasheet HTML 5Page - Analog Devices ADIS16448AMLZ Datasheet HTML 6Page - Analog Devices ADIS16448AMLZ Datasheet HTML 7Page - Analog Devices ADIS16448AMLZ Datasheet HTML 8Page - Analog Devices ADIS16448AMLZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ADIS16448
Data Sheet
Rev. B | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Timing Specifications .................................................................. 5
Absolute Maximum Ratings............................................................ 6
ESD Caution.................................................................................. 6
Pin Configuration and Function Descriptions............................. 7
Typical Performance Characteristics ............................................. 8
User Registers.................................................................................... 9
User Interface .................................................................................. 10
Reading Sensor Data.................................................................. 10
Device Configuration ................................................................ 11
Output Data Registers.................................................................... 12
Gyroscopes .................................................................................. 12
Accelerometers............................................................................ 12
Magnetometers ........................................................................... 13
Barometric Pressure ................................................................... 13
Remote Pressure Sensing........................................................... 13
Internal Temperature ................................................................. 13
System Functions............................................................................ 14
Global Commands ..................................................................... 14
Product Identification................................................................ 14
Self-Test Function....................................................................... 14
Status/Error Flags....................................................................... 15
Memory Management ............................................................... 15
Input/Output Configuration......................................................... 16
Data Ready Indicator ................................................................. 16
General-Purpose Input/Output................................................ 16
Digital Processing Configuration................................................. 17
Gyroscopes/Accelerometers ..................................................... 17
Input Clock Configuration ....................................................... 17
Magnetometer/Barometer......................................................... 18
Calibration....................................................................................... 19
Gyroscopes.................................................................................. 19
Accelerometers ........................................................................... 19
Magnetometer Calibration........................................................ 20
Flash Updates.............................................................................. 20
Restoring Factory Calibration .................................................. 20
Alarms.............................................................................................. 21
Static Alarm Use......................................................................... 21
Dynamic Alarm Use .................................................................. 21
Alarm Reporting ........................................................................ 21
Applications Information .............................................................. 22
Power Supply Considerations................................................... 22
ADIS16448/PCBZ ...................................................................... 22
PC-Based Evaluation Tools....................................................... 22
Outline Dimensions....................................................................... 23
Ordering Guide .......................................................................... 23
REVISION HISTORY
7/13—Rev. A to Rev. B
Changes to Linear Acceleration Effect on Bias Test Conditions... 3
Changes Burst Read Function to Section.................................... 11
3/13—Rev. 0 to Rev. A
Changed Start-Up Time from 192 ms to 205 ms ......................... 1
Changes to Table 1............................................................................ 3
Changed VDD from 5 V to 3.3 V, Changed tSTALL from 1/fSCLK to
N/A, and Added Endnote 2; Table 2 .............................................. 5
Changes to Burst Read Function Section.................................... 11
Changes to Table 23........................................................................ 13
Changes to Single Command Bias Correction Section............. 19
Changes to ADIS16448/PCBZ Section........................................ 22
Deleted Mounting, Approaches Section...................................... 22
Updated Outline Dimensions....................................................... 23
Changes to Ordering Guide .......................................................... 23
8/12—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com