Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8247VRTMFA Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC8247VRTMFA
Description  PowerQUICC II Family Hardware Specifications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8247VRTMFA Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC8247VRTMFA Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8247VRTMFA Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8247VRTMFA Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8247VRTMFA Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8247VRTMFA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8247VRTMFA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8247VRTMFA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8247VRTMFA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8247VRTMFA Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
MPC8272 PowerQUICC II Family Hardware Specifications, Rev. 3
Freescale Semiconductor
5
Overview
•
Integrated security engine (SEC) (MPC8272 and MPC8248 only)
— Supports DES, 3DES, MD-5, SHA-1, AES, PKEU, RNG and RC-4 encryption algorithms
in hardware
•
Communications processor module (CPM)
— Embedded 32-bit communications processor (CP) uses a RISC architecture for flexible support
for communications peripherals
— Interfaces to G2_LE core through on-chip dual-port RAM and DMA controller. (Dual-port
RAM size is 16 KB plus 4 KB dedicated instruction RAM.)
— Microcode tracing capabilities
— Eight CPM trap registers
•
Universal serial bus (USB) controller
— Supports USB 2.0 full/low rate compatible
— USB host mode
– Supports control, bulk, interrupt, and isochronous data transfers
– CRC16 generation and checking
– NRZI encoding/decoding with bit stuffing
– Supports both 12- and 1.5-Mbps data rates (automatic generation of preamble token and
data rate configuration). Note that low-speed operation requires an external hub.
– Flexible data buffers with multiple buffers per frame
– Supports local loopback mode for diagnostics (12 Mbps only)
— Supports USB slave mode
– Four independent endpoints support control, bulk, interrupt, and isochronous data transfers
– CRC16 generation and checking
– CRC5 checking
– NRZI encoding/decoding with bit stuffing
– 12- or 1.5-Mbps data rate
– Flexible data buffers with multiple buffers per frame
– Automatic retransmission upon transmit error
— Serial DMA channels for receive and transmit on all serial channels
— Parallel I/O registers with open-drain and interrupt capability
— Virtual DMA functionality executing memory-to-memory and memory-to-I/O transfers
— Two fast communication controllers (FCCs) supporting the following protocols:
– 10-/100-Mbit Ethernet/IEEE 802.3 CDMA/CS interface through media independent
interface (MII)
– Transparent
– HDLC—up to T3 rates (clear channel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com