Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8272 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MPC8272
Description  PowerQUICC II Family Hardware Specifications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8272 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MPC8272 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8272 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8272 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8272 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8272 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8272 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8272 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8272 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8272 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
MPC8272 PowerQUICC II Family Hardware Specifications, Rev. 3
Freescale Semiconductor
39
Clock Configuration Modes
1100_101
50.0
66.7
6
300.0 400.0
4
400.0 533.3
3
100.0 133.3
1100_110
50.0
66.7
6
300.0 400.0
4.5
450.0 599.9
3
100.0 133.3
1100_111
50.0
66.7
6
300.0 400.0
5
500.0 666.6
3
100.0 133.3
1101_000
50.0
66.7
6
300.0 400.0
5.5
550.0 733.3
3
100.0 133.3
1101_001
50.0
66.7
6
300.0 400.0
3.5
420.0 559.9
2.5
120.0 160.0
1101_010
50.0
66.7
6
300.0 400.0
4
480.0 639.9
2.5
120.0 160.0
1101_011
50.0
66.7
6
300.0 400.0
4.5
540.0 719.9
2.5
120.0 160.0
1101_100
50.0
66.7
6
300.0 400.0
5
600.0 799.9
2.5
120.0 160.0
1110_000
50.0
66.7
5
250.0 333.3
2.5
312.5 416.6
2
125.0 166.7
1110_001
50.0
66.7
5
250.0 333.3
3
375.0 500.0
2
125.0 166.7
1110_010
50.0
66.7
5
250.0 333.3
3.5
437.5 583.3
2
125.0 166.7
1110_011
50.0
66.7
5
250.0 333.3
4
500.0 666.6
2
125.0 166.7
1110_100
50.0
66.7
5
250.0 333.3
4
333.3 444.4
3
83.3
111.1
1110_101
50.0
66.7
5
250.0 333.3
4.5
375.0 500.0
3
83.3
111.1
1110_110
50.0
66.7
5
250.0 333.3
5
416.7 555.5
3
83.3
111.1
1110_111
50.0
66.7
5
250.0 333.3
5.5
458.3 611.1
3
83.3
111.1
1100_000
Reserved
1100_001
Reserved
1100_010
Reserved
1 The “low” values are the minimum allowable frequencies for a given clock mode. The minimum bus frequency in a
table entry guarantees only the required minimum CPU operating frequency. The “high” values are for the purpose of
illustration only. Users must select a mode and input bus frequency so that the resulting configuration does not exceed
the frequency rating of the user’s device. The minimum CPU frequency is 150 MHz for commercial temperature
devices and 175 MHz for extended temperature devices. The minimum CPM frequency is 120 MHz.
2 PCI_MODCK determines the PCI clock frequency range. See Table 20 for lower range configurations.
3 MODCK_H = hard reset configuration word [28–31] (see Section 5.4 in the SoC reference manual). MODCK[1-3] =
three hardware configuration pins.
4 CPM multiplication factor = CPM clock/bus clock
5 CPU multiplication factor = Core PLL multiplication factor
Table 19. Clock Configurations for PCI Agent Mode (PCI_MODCK=0)1,2 (continued)
Mode3
PCI Clock
(MHz)
CPM
Multiplication
Factor4
CPM Clock
(MHz)
CPU
Multiplication
Factor5
CPU Clock
(MHz)
Bus
Division
Factor
Bus Clock
(MHz)
MODCK_H-
MODCK[1-3]
Low
High
Low
High
Low
High
Low
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com