Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8323E Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # MPC8323E
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323E Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button MPC8323E Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 82 page
background image
MPC8323E PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 4
60
Freescale Semiconductor
Package and Pin Listings
GPIO_PB17/BRGO1/CE_EXT_REQ1
D10
IO
OVDD
—
GPIO_PB18/Enet4_TXD[0]/SER4_TXD[0]/
TDMD_TXD[0]
C10
IO
OVDD
—
GPIO_PB19/Enet4_TXD[1]/SER4_TXD[1]/
TDMD_TXD[1]
C9
IO
OVDD
—
GPIO_PB20/Enet4_TXD[2]/SER4_TXD[2]/
TDMD_TXD[2]
D8
IO
OVDD
—
GPIO_PB21/Enet4_TXD[3]/SER4_TXD[3]/
TDMD_TXD[3]
C8
IO
OVDD
—
GPIO_PB22/Enet4_RXD[0]/SER4_RXD[0]/
TDMD_RXD[0]
C15
IO
OVDD
—
GPIO_PB23/Enet4_RXD[1]/SER4_RXD[1]/
TDMD_RXD[1]
C14
IO
OVDD
—
GPIO_PB24/Enet4_RXD[2]/SER4_RXD[2]/
TDMD_RXD[2]
D13
IO
OVDD
—
GPIO_PB25/Enet4_RXD[3]/SER4_RXD[3]/
TDMD_RXD[3]
C13
IO
OVDD
—
GPIO_PB26/Enet4_RX_ER/SER4_CD/TDMD_REQ
C12
IO
OVDD
—
GPIO_PB27/Enet4_TX_ER/TDMD_CLKO
D11
IO
OVDD
—
GPIO_PB28/Enet4_RX_DV/SER4_CTS/
TDMD_RSYNC
D12
IO
OVDD
—
GPIO_PB29/Enet4_COL/RXD[4]/SER4_RXD[4]/
TDMD_STROBE
D7
IO
OVDD
—
GPIO_PB30/Enet4_TX_EN/SER4_RTS/
TDMD_TSYNC
C11
IO
OVDD
—
GPIO_PB31/Enet4_CRS/SDET
C7
IO
OVDD
—
GPIO_PC0/UPC1_TxDATA[0]/SER5_TXD[0]
A18
IO
OVDD
—
GPIO_PC1/UPC1_TxDATA[1]/SER5_TXD[1]
A19
IO
OVDD
—
GPIO_PC2/UPC1_TxDATA[2]/SER5_TXD[2]
B18
IO
OVDD
—
GPIO_PC3/UPC1_TxDATA[3]/SER5_TXD[3]
B19
IO
OVDD
—
GPIO_PC4/UPC1_TxDATA[4]
A24
IO
OVDD
—
GPIO_PC5/UPC1_TxDATA[5]
B24
IO
OVDD
—
GPIO_PC6/UPC1_TxDATA[6]
A23
IO
OVDD
—
GPIO_PC7/UPC1_TxDATA[7]
B26
IO
OVDD
—
GPIO_PC8/UPC1_RxDATA[0]/SER5_RXD[0]
A21
IO
OVDD
—
GPIO_PC9/UPC1_RxDATA[1]/SER5_RXD[1]
B20
IO
OVDD
—
Table 55. MPC8323E PBGA Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com