Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9446 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC9446
Description  2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9446 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC9446 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC9446 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC9446 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC9446 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC9446 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC9446 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC9446 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9446 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9446 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Advanced Clock Drivers Devices
4
Freescale Semiconductor
MPC9446
Table 5. General Specifications
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VTT
Output Termination Voltage
VCC ÷ 2
V
MM
ESD Protection (Machine Model)
200
V
HBM
ESD Protection (Human Body Model)
2000
V
LU
Latch-Up Immunity
200
mA
CPD
Power Dissipation Capacitance
10
pF
Per output
CIN
Input Capacitance
4.0
pF
Table 6. DC Characteristics (VCC = VCCA = VCCB = VCCC = 3.3 V ± 5%, TA = –40°C to +85°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VIH
Input High Voltage
2.0
VCC + 0.3
V
LVCMOS
VIL
Input Low Voltage
–0.3
0.8
V
LVCMOS
IIN
Input Current(1)
1. Input pull-up / pull-down resistors influence input current.
200
µA
VIN = GND or VIN = VCC
VOH
Output High Voltage
2.4
V
IOH = –24 mA(2)
2. The MPC9446 is capable of driving 50
Ω transmission lines on the incident edge. Each output drives one 50 Ω parallel terminated
transmission line to a termination voltage of VTT. Alternatively, the device drives up to two 50 Ω series terminated transmission lines.
VOL
Output Low Voltage
0.55
0.30
V
V
IOL = 24 mA(2)
IOL = 12 mA
ZOUT
Output Impedance
14 – 17
Ω
ICCQ(3)
3. ICCQ is the DC current consumption of the device with all outputs open and the input in its default state or open.
Maximum Quiescent Supply Current
2.0
mA
All VCC Pins
Table 7. AC Characteristics (VCC = VCCA = VCCB = VCCC = 3.3 V ± 5%, TA = –40°C to +85°C)(1)
1. AC characteristics apply for parallel output termination of 50
Ω to VTT.
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
fref
Input Frequency
0
250(2)
2. The MPC9446 is functional up to an input and output clock frequency of 350 MHz and is characterized up to 250 MHz.
MHz
fMAX
Maximum Output Frequency
÷1 output
÷2 output
0
0
250(2)
125
MHz
MHz
FSELx = 0
FSELx = 1
tP, REF
Reference Input Pulse Width
1.4
ns
tr, tf
CCLK Input Rise/Fall Time
1.0(3)
3. Violation of the 1.0 ns maximum input rise and fall time limit will affect the device propagation delay, device-to-device skew, reference input
pulse width, output duty cycle and maximum frequency specifications.
ns
0.8 to 2.0 V
tPLH
tPHL
Propagation Delay
CCLK0,1 to any Q
CCLK0,1 to any Q
2.2
2.2
2.8
2.8
4.45
4.2
ns
ns
tPLZ, HZ Output Disable Time
10
ns
tPZL, LZ
Output Enable Time
10
ns
tsk(O)
Output-to-Output Skew
Within one bank
Any output bank, same output divider
Any output, Any output divider
150
200
350
ps
ps
ps
tsk(PP)
Device-to-Device Skew
2.25
ns
tSK(P)
DCQ
Output Pulse Skew(4)
Output Duty Cycle
÷1 output
÷2 output
4. Output pulse skew tSK(P) is the absolute difference of the propagation delay times: | tPLH – tPHL |. Output duty cycle is frequency
dependent: DCQ = (0.5 ± tSK(P) • fOUT). For example at fOUT = 125 MHz the output duty cycle limit is 50% ± 2.5%.
47
45
50
50
200
53
55
ps
%
%
DCREF = 50%
DCREF = 25%–75%
tr, tf
Output Rise/Fall Time
0.1
1.0
ns
0.55 to 2.4 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com