Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1069ASTZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADM1069ASTZ
Description  Super Sequencer with Margining Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1069ASTZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADM1069ASTZ Datasheet HTML 8Page - Analog Devices ADM1069ASTZ Datasheet HTML 9Page - Analog Devices ADM1069ASTZ Datasheet HTML 10Page - Analog Devices ADM1069ASTZ Datasheet HTML 11Page - Analog Devices ADM1069ASTZ Datasheet HTML 12Page - Analog Devices ADM1069ASTZ Datasheet HTML 13Page - Analog Devices ADM1069ASTZ Datasheet HTML 14Page - Analog Devices ADM1069ASTZ Datasheet HTML 15Page - Analog Devices ADM1069ASTZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
ADM1069
Rev. C | Page 12 of 32
CH1 200mV
M1.00µs
CH1
756mV
1
DAC
BUFFER
OUTPUT
PROBE
POINT
47pF
20kΩ
Figure 17. Transient Response of DAC Code Change into Typical Load
CH1 200mV
M1.00µs
CH1
944mV
1
DAC
BUFFER
OUTPUT
1V
PROBE
POINT
100kΩ
Figure 18. Transient Response of DAC to Turn-On from High-Z State
1.005
1.004
1.003
1.002
1.001
1.000
0.999
0.998
0.997
0.996
0.995
–40
–20
0
20
40
60
100
80
TEMPERATURE (
°C)
VP1 = 3.0V
VP1 = 4.75V
Figure 19. DAC Output vs. Temperature
2.058
2.038
2.043
2.048
2.053
–40
–20
0
20
40
60
100
80
TEMPERATURE (
°C)
VP1 = 3.0V
VP1 = 4.75V
Figure 20. REFOUT vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com