Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADM1069LQEBZ Datasheet(PDF) 17 Page - Analog Devices

Part # EVAL-ADM1069LQEBZ
Description  Super Sequencer with Margining Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADM1069LQEBZ Datasheet(HTML) 17 Page - Analog Devices

Back Button EVAL-ADM1069LQEBZ Datasheet HTML 13Page - Analog Devices EVAL-ADM1069LQEBZ Datasheet HTML 14Page - Analog Devices EVAL-ADM1069LQEBZ Datasheet HTML 15Page - Analog Devices EVAL-ADM1069LQEBZ Datasheet HTML 16Page - Analog Devices EVAL-ADM1069LQEBZ Datasheet HTML 17Page - Analog Devices EVAL-ADM1069LQEBZ Datasheet HTML 18Page - Analog Devices EVAL-ADM1069LQEBZ Datasheet HTML 19Page - Analog Devices EVAL-ADM1069LQEBZ Datasheet HTML 20Page - Analog Devices EVAL-ADM1069LQEBZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
ADM1069
Rev. C | Page 17 of 32
SEQUENCING ENGINE
OVERVIEW
The ADM1069 sequencing engine (SE) provides the user with
powerful and flexible control of sequencing. The SE implements
a state machine control of the PDO outputs, with state changes
conditional on input events. SE programs can enable complex
control of boards such as power-up and power-down sequence
control, fault event handling, interrupt generation on warnings,
and so on. A watchdog function that verifies the continued
operation of a processor clock can be integrated into the SE
program. The SE can also be controlled via the SMBus, giving
software or firmware control of the board sequencing.
The SE state machine comprises 63 state cells. Each state has the
following attributes:
•
Monitors signals indicating the status of the eight input
pins, VP1 to VP3, VH, and VX1 to VX4.
•
Can be entered from any other state.
•
Three exit routes move the state machine onto a next state:
sequence detection, fault monitoring, and timeout.
•
Delay timers for the sequence and timeout blocks can be
programmed independently, and changed with each state
change. The range of timeouts is from 0 ms to 400 ms.
•
Output condition of the eight PDO pins is defined and
fixed within a state.
•
Transition from one state to the next is made in less than
20 μs, which is the time needed to download a state
definition from EEPROM to the SE.
SEQUENCE
TIMEOUT
MONITOR
FAULT
STATE
Figure 26. State Cell
The ADM1069 offers up to 63 state definitions. The signals
monitored to indicate the status of the input pins are the
outputs of the SFDs.
WARNINGS
The SE also monitors warnings. These warnings can be generated
when the ADC readings violate their limit register value or when
the secondary voltage monitors on VPx and VH are triggered.
The warnings are OR’ed together and are available as a single
warning input to each of the three blocks that enable exiting
a state.
SMBus JUMP (UNCONDITIONAL JUMP)
The SE can be forced to advance to the next state uncondition-
ally. This enables the user to force the SE to advance. Examples
of the use of this feature include moving to a margining state or
debugging a sequence. The SMBus jump or go-to command can
be seen as another input to sequence and timeout blocks to
provide an exit from each state.
Table 7. Sample Sequence State Entries
State
Sequence
Timeout
Monitor
IDLE1
If VX1 is low, go to State IDLE2.
IDLE2
If VP1 is okay, go to State EN3V3.
EN3V3
If VP2 is okay, go to State EN2V5.
If VP2 is not okay after 10 ms,
go to State DIS3V3.
If VP1 is not okay, go to State IDLE1.
DIS3V3
If VX1 is high, go to State IDLE1.
EN2V5
If VP3 is okay, go to State PWRGD.
If VP3 is not okay after 20 ms,
go to State DIS2V5.
If VP1 or VP2 is not okay, go to State FSEL2.
DIS2V5
If VX1 is high, go to State IDLE1.
FSEL1
If VP3 is not okay, go to State DIS2V5.
If VP1 or VP2 is not okay, go to State FSEL2.
FSEL2
If VP2 is not okay, go to State DIS3V3.
If VP1 is not okay, go to State IDLE1.
PWRGD
If VX1 is high, go to State DIS2V5.
If VP1, VP2, or VP3 is not okay, go to State FSEL1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com