Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMP401ACEZ-RL Datasheet(PDF) 4 Page - Analog Devices

Part # ADMP401ACEZ-RL
Description  Omnidirectional Microphone with Bottom Port and Analog Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP401ACEZ-RL Datasheet(HTML) 4 Page - Analog Devices

  ADMP401ACEZ-RL Datasheet HTML 1Page - Analog Devices ADMP401ACEZ-RL Datasheet HTML 2Page - Analog Devices ADMP401ACEZ-RL Datasheet HTML 3Page - Analog Devices ADMP401ACEZ-RL Datasheet HTML 4Page - Analog Devices ADMP401ACEZ-RL Datasheet HTML 5Page - Analog Devices ADMP401ACEZ-RL Datasheet HTML 6Page - Analog Devices ADMP401ACEZ-RL Datasheet HTML 7Page - Analog Devices ADMP401ACEZ-RL Datasheet HTML 8Page - Analog Devices ADMP401ACEZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Data Sheet
ADMP401
Rev. E | Page 3 of 12
SPECIFICATIONS
TA = 25°C, VDD = 1.8 V, unless otherwise noted. All minimum and maximum specifications are guaranteed. Typical specifications are not
guaranteed.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
PERFORMANCE
Directionality
Omni
Sensitivity
1 kHz, 94 dB SPL
−45
−42
−39
dBV
Signal-to-Noise Ratio
SNR
62
dBA
Equivalent Input Noise
EIN
32
dBA SPL
Dynamic Range
Derived from EIN and maximum acoustic input
88
dB
Frequency Response1
Low frequency, −3 dB point
60
Hz
High frequency, −3 dB point
15
kHz
Deviation limits from flat response within pass band
−3/+2
dB
Total Harmonic Distortion
THD
105 dB SPL
3
%
Power Supply Rejection
PSR
217 Hz, 100 mV p-p square wave superimposed on VDD = 1.8 V
70
dB
Maximum Acoustic Input
Peak
120
dB SPL
POWER SUPPLY
Supply Voltage
VDD
1.5
3.3
V
Supply Current
IS
250
µA
OUTPUT CHARACTERISTICS
Output Impedance
ZOUT
200
Ω
Output DC Offset
0.8
V
Output Current Limit
90
µA
1
See Figure 6 and Figure 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com