Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8831ACPZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADN8831ACPZ-R2
Description  Thermoelectric Cooler (TEC) Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8831ACPZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADN8831ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
ADN8831
Rev. A | Page 7 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. THE LFCSP PACKAGE HAS AN EXPOSED PADDLE
THAT SHOULD BE CONNECTED TO AGND (PIN 12)
AND THE ASSOCIATED PCB GROUND PLANE.
PIN 1
INDICATOR
1
ILIMC
2
IN1P
3
IN1N
4
OUT1
5
IN2P
6
IN2N
7
OUT2
8
VREF
24 COMPSW
23 SFB
22 PGND
21 SNGATE
20 SW
19 SPGATE
18 PVDD
17 COMPOSC
TOP VIEW
(Not to Scale)
ADN8831
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
1
ILIMC
Analog Input
Sets TEC Cooling Current Limit.
2
IN1P
Analog Input
Noninverting Input to Error Amplifier.
3
IN1N
Analog Input
Inverting Input to Error Amplifier.
4
OUT1
Analog Output
Output of Error Amplifier.
5
IN2P
Analog Input
Noninverting Input to Compensation Amplifier.
6
IN2N
Analog Input
Inverting Input to Compensation Amplifier.
7
OUT2
Analog Output
Output of Compensation Amplifier.
8
VREF
Analog Output
2.5 V Voltage Reference Output.
9
AVDD
Power
Power for Nondriver Sections. 3.0 V minimum; 5.5 V maximum.
10
PHASE
Analog Input
Sets SYNCO Clock Phase Relative to SYNCI/SD Clock.
11
TMPGD
Digital Output
Logic Output. Active high. Indicates when the OUT1 voltage is within ±100 mV of IN2P voltage.
12
AGND
Ground
Analog Ground. Connect to low noise ground.
13
FREQ
Analog Input
Sets Switching Frequency with an External Resistor.
14
SS/SB
Analog Input
Sets Soft Start Time for Output Voltage. Pull low (VTEC = 0 V) to put the ADN8831 into standby
mode.
15
SYNCO
Digital Output
Phase Adjustment Clock Output. Phase set from PHASE pin. Used to drive SYNCI/SD of other
ADN8831 devices.
16
SYNCI/SD
Digital Input
Optional Clock Input. If not connected, clock frequency is set by FREQ pin. Pull low to put
the ADN8831 into shutdown mode. Pull high to negate shutdown mode.
17
COMPOSC
Analog Output
Compensation for Oscillator. Connect to PVDD when in free-run mode, connect to R-C
network when in external clock mode.
18
PVDD
Power
Power for Output Driver Sections. 3.0 V minimum; 5.5 V maximum.
19
SPGATE
Analog Output
PWM Output Drives External PMOS Gate.
20
SW
Analog Input
Connects to PWM FET Drains.
21
SNGATE
Analog Output
PWM Output Drives External NMOS Gate.
22
PGND
Ground
Power Ground. External NMOS devices connect to PGND. Connect to digital ground.
23
SFB
Analog Input
PWM Feedback. Connect to the TEC module negative (−) terminal.
24
COMPSW
Analog Input
Compensation Pin for Switching Amplifier.
25
LPGATE
Analog Output
Linear Output Drives External PMOS Gate.
26
LNGATE
Analog Output
Linear Output Drives External NMOS Gate.
27
LFB
Analog Input
Linear Feedback. Connect to H-Bridge transistor output and current sense resistor.
28
CS
Analog Input
Linear Feedback. Connect to the TEC module positive (+) terminal.
29
ITEC
Analog Output
Indicates TEC Current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com