Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2108AUJZ-1.0-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP2108AUJZ-1.0-R7
Description  Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2108AUJZ-1.0-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADP2108AUJZ-1.0-R7 Datasheet HTML 1Page - Analog Devices ADP2108AUJZ-1.0-R7 Datasheet HTML 2Page - Analog Devices ADP2108AUJZ-1.0-R7 Datasheet HTML 3Page - Analog Devices ADP2108AUJZ-1.0-R7 Datasheet HTML 4Page - Analog Devices ADP2108AUJZ-1.0-R7 Datasheet HTML 5Page - Analog Devices ADP2108AUJZ-1.0-R7 Datasheet HTML 6Page - Analog Devices ADP2108AUJZ-1.0-R7 Datasheet HTML 7Page - Analog Devices ADP2108AUJZ-1.0-R7 Datasheet HTML 8Page - Analog Devices ADP2108AUJZ-1.0-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADP2108
Data Sheet
Rev. G | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Typical Applications Circuit............................................................ 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
Thermal Resistance ...................................................................... 4
ESD Caution.................................................................................. 4
Pin Configuration and Function Descriptions............................. 5
Typical Performance Characteristics ............................................. 6
Theory of Operation ...................................................................... 11
Control Scheme .......................................................................... 11
PWM Mode................................................................................. 11
Power Save Mode........................................................................ 11
Enable/Shutdown ....................................................................... 11
Short-Circuit Protection............................................................ 12
Undervoltage Lockout ............................................................... 12
Thermal Protection.................................................................... 12
Soft Start ...................................................................................... 12
Current Limit.............................................................................. 12
100% Duty Operation................................................................ 12
Applications Information .............................................................. 13
ADIsimPower Design Tool ....................................................... 13
External Component Selection ................................................ 13
Thermal Considerations............................................................ 14
PCB Layout Guidelines.............................................................. 14
Evaluation Board ............................................................................ 15
Outline Dimensions....................................................................... 16
Ordering Guide .......................................................................... 17
REVISION HISTORY
6/12—Rev. F to Rev. G
Change to Features Section ............................................................. 1
Added ADIsimPower Design Tool Section................................. 13
Updated Outline Dimensions....................................................... 16
1/12—Rev. E to Rev. F
Change to Table 3...................................................................................4
Changes to Output Capacitor Section ......................................... 13
10/10—Rev. D to Rev. E
Changed −40°C to +85°C to −40°C to +125°C Throughout .........3
Changes to Ordering Guide .......................................................... 17
1/10—Rev. C to Rev. D
Changes to Ordering Guide .......................................................... 17
4/09—Rev. B to Rev. C
Changes to General Description Section ...................................... 1
2/09—Rev. A to Rev. B
Added 5-Lead TSOT Package...........................................Universal
Changes to Absolute Maximum Ratings Section......................... 4
Updated Outline Dimensions....................................................... 16
Changes to Ordering Guide .......................................................... 17
11/08—Rev. 0 to Rev. A
Changes to Figure 4.......................................................................... 6
Updated Outline Dimensions....................................................... 16
9/08—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com