Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3301 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP3301
Description  High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3301 Datasheet(HTML) 9 Page - Analog Devices

  ADP3301 Datasheet HTML 1Page - Analog Devices ADP3301 Datasheet HTML 2Page - Analog Devices ADP3301 Datasheet HTML 3Page - Analog Devices ADP3301 Datasheet HTML 4Page - Analog Devices ADP3301 Datasheet HTML 5Page - Analog Devices ADP3301 Datasheet HTML 6Page - Analog Devices ADP3301 Datasheet HTML 7Page - Analog Devices ADP3301 Datasheet HTML 8Page - Analog Devices ADP3301 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
ADP3303
REV. B
–9–
OUTLINE DIMENSIONS
Figure 1. 8-Lead Standard Small Outline Package [SOIC_N]
Narrow Body
(R-8)
Dimensions shown in millimeters and (inches)
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADP3303AR-2.7-REEL
−25°C to +85°C
8-Lead SOIC_N
R-8
ADP3303AR-3
−25°C to +85°C
8-Lead SOIC_N
R-8
ADP3303AR-3-REEL
−25°C to +85°C
8-Lead SOIC_N
R-8
ADP3303AR-3.2-REEL
−25°C to +85°C
8-Lead SOIC_N
R-8
ADP3303AR-3.3
−25°C to +85°C
8-Lead SOIC_N
R-8
ADP3303AR-3.3-RL7
−25°C to +85°C
8-Lead SOIC_N
R-8
ADP3303AR-3.3-REEL
−25°C to +85°C
8-Lead SOIC_N
R-8
ADP3303ARZ-3.3
−25°C to +85°C
8-Lead SOIC_N
R-8
ADP3303ARZ-3.3-RL7
−25°C to +85°C
8-Lead SOIC_N
R-8
ADP3303ARZ-3.3REEL
−25°C to +85°C
8-Lead SOIC_N
R-8
ADP3303AR-5
−25°C to +85°C
8-Lead SOIC_N
R-8
ADP3303ARZ-5
−25°C to +85°C
8-Lead SOIC_N
R-8
ADP3303ARZ-5-REEL
−25°C to +85°C
8-Lead SOIC_N
R-8
1 Z = RoHS Compliant Part.
REVISION HISTORY
11/11—Rev. A to Rev. B
Changed TA = −20°C to +85°C to TA = −25°C to +85°C .............2
Changed Operating Ambient Temperature Range from −20°C to
+85°C to −25°C to +85°C.................................................................3
Changed Operating Junction Temperature Range from −20°C to
+85°C to −25°C to +125°C ..............................................................3
Updated Outline Dimensions..........................................................9
Changes to Ordering Guide.............................................................9
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-012-AA
0.25 (0.0098)
0.17 (0.0067)
1.27 (0.0500)
0.40 (0.0157)
0.50 (0.0196)
0.25 (0.0099)
45°
8°
0°
1.75 (0.0688)
1.35 (0.0532)
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0040)
4
1
85
5.00 (0.1968)
4.80 (0.1890)
4.00 (0.1574)
3.80 (0.1497)
1.27 (0.0500)
BSC
6.20 (0.2441)
5.80 (0.2284)
0.51 (0.0201)
0.31 (0.0122)
COPLANARITY
0.10
©2011 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D10335-0-11/11(B)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com