Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2108AUJZ-1.2-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP2108AUJZ-1.2-R7
Description  Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2108AUJZ-1.2-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP2108AUJZ-1.2-R7 Datasheet HTML 11Page - Analog Devices ADP2108AUJZ-1.2-R7 Datasheet HTML 12Page - Analog Devices ADP2108AUJZ-1.2-R7 Datasheet HTML 13Page - Analog Devices ADP2108AUJZ-1.2-R7 Datasheet HTML 14Page - Analog Devices ADP2108AUJZ-1.2-R7 Datasheet HTML 15Page - Analog Devices ADP2108AUJZ-1.2-R7 Datasheet HTML 16Page - Analog Devices ADP2108AUJZ-1.2-R7 Datasheet HTML 17Page - Analog Devices ADP2108AUJZ-1.2-R7 Datasheet HTML 18Page - Analog Devices ADP2108AUJZ-1.2-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
ADP2108
Rev. G | Page 15 of 20
EVALUATION BOARD
Figure 31. Evaluation Board Schematic
Figure 32. Recommended WLCSP Top Layer
Figure 33. Recommended WLCSP Bottom Layer
Figure 34. Recommended TSOT Top Layer
Figure 35. Recommended TSOT Bottom Layer
VOUT
GND OUT
VOUT
ADP2108
TB3
TB4
COUT
10µF
L1
1µH
U1
1
B
C2
A1
VIN
C1
A2
GND
2
CIN
4.7µF
VIN
EN
EN
VIN
SW
FB
EN
TB1
TB2
GND IN
TB5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com