Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5589ACBZ-01-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADP5589ACBZ-01-R7
Description  Keypad Decoder and I/O Expansion
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5589ACBZ-01-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADP5589ACBZ-01-R7 Datasheet HTML 28Page - Analog Devices ADP5589ACBZ-01-R7 Datasheet HTML 29Page - Analog Devices ADP5589ACBZ-01-R7 Datasheet HTML 30Page - Analog Devices ADP5589ACBZ-01-R7 Datasheet HTML 31Page - Analog Devices ADP5589ACBZ-01-R7 Datasheet HTML 32Page - Analog Devices ADP5589ACBZ-01-R7 Datasheet HTML 33Page - Analog Devices ADP5589ACBZ-01-R7 Datasheet HTML 34Page - Analog Devices ADP5589ACBZ-01-R7 Datasheet HTML 35Page - Analog Devices ADP5589ACBZ-01-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
ADP5589
Data Sheet
Rev. B | Page 32 of 52
GPI_INT_LEVEL_B Register 0x1F
Table 39. GPI_INT_LEVEL_B Bit Descriptions
Bits
Name
R/W
Description
7
GPI_16_INT_LEVEL
R/W
0 = GPI_16 interrupt is active low.
1 = GPI_16 interrupt is active high.
6
GPI_15_INT_LEVEL
R/W
0 = GPI_15 interrupt is active low.
1 = GPI_15 interrupt is active high.
5
GPI_14_INT_LEVEL
R/W
0 = GPI_14 interrupt is active low.
1 = GPI_14 interrupt is active high.
4
GPI_13_INT_LEVEL
R/W
0 = GPI_13 interrupt is active low.
1 = GPI_13 interrupt is active high.
3
GPI_12_INT_LEVEL
R/W
0 = GPI_12 interrupt is active low.
1 = GPI_12 interrupt is active high.
2
GPI_11_INT_LEVEL
R/W
0 = GPI_11 interrupt is active low.
1 = GPI_11 interrupt is active high.
1
GPI_10_INT_LEVEL
R/W
0 = GPI_10 interrupt is active low.
1 = GPI_10 interrupt is active high.
0
GPI_9_INT_LEVEL
R/W
0 = GPI_9 interrupt is active low.
1 = GPI_9 interrupt is active high.
GPI_INT_LEVEL_C Register 0x20
Table 40. GPI_INT_LEVEL_C Bit Descriptions
Bits
Name
R/W
Description
[7: 3]
Reserved.
2
GPI_19_INT_LEVEL
R/W
0 = GPI_19 interrupt is active low.
1 = GPI_19 interrupt is active high.
1
GPI_18_INT_LEVEL
R/W
0 = GPI_18 interrupt is active low.
1 = GPI_18 interrupt is active high.
0
GPI_17_INT_LEVEL
R/W
0 = GPI_17 interrupt is active low.
1 = GPI_17 interrupt is active high.
GPI_EVENT_EN_A Register 0x21
Table 41. GPI_EVENT_EN_A Bit Descriptions
Bits
Name
R/W
Description
7
GPI_8_EVENT_EN
R/W
0 = disable GPI events.
1 = allow GPI 8 activity to generate events on the FIFO.
6
GPI_7_EVENT_EN
R/W
0 = disable GPI events.
1 = allow GPI 7 activity to generate events on the FIFO.
5
GPI_6_EVENT_EN
R/W
0 = disable GPI events.
1 = allow GPI 6 activity to generate events on the FIFO.
4
GPI_5_EVENT_EN
R/W
0 = disable GPI events.
1 = allow GPI 5 activity to generate events on the FIFO.
3
GPI_4_EVENT_EN
R/W
0 = disable GPI events.
1 = allow GPI 4 activity to generate events on the FIFO.
2
GPI_3_EVENT_EN
R/W
0 = disable GPI events.
1 = allow GPI 3 activity to generate events on the FIFO.
1
GPI_2_EVENT_EN
R/W
0 =disable GPI events.
1 = allow GPI 2 activity to generate events on the FIFO.
0
GPI_1_EVENT_EN
R/W
0 = disable GPI events.
1 = allow GPI 1 activity to generate events on the FIFO.
GPIs in this mode are considered FIFO events and can be used for unlock purposes.
GPI activity in this mode causes EVENT_INT interrupts.
GPIs in this mode do not generate GPI_INT interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com