Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6850BCPZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADRF6850BCPZ
Description  100 MHz to 1000 MHz Integrated Broadband Receiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6850BCPZ Datasheet(HTML) 2 Page - Analog Devices

  ADRF6850BCPZ Datasheet HTML 1Page - Analog Devices ADRF6850BCPZ Datasheet HTML 2Page - Analog Devices ADRF6850BCPZ Datasheet HTML 3Page - Analog Devices ADRF6850BCPZ Datasheet HTML 4Page - Analog Devices ADRF6850BCPZ Datasheet HTML 5Page - Analog Devices ADRF6850BCPZ Datasheet HTML 6Page - Analog Devices ADRF6850BCPZ Datasheet HTML 7Page - Analog Devices ADRF6850BCPZ Datasheet HTML 8Page - Analog Devices ADRF6850BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
ADRF6850
Rev. 0 | Page 2 of 36
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Timing Characteristics ................................................................ 5
Absolute Maximum Ratings............................................................ 7
ESD Caution.................................................................................. 7
Pin Configuration and Function Descriptions............................. 8
Typical Performance Characteristics ........................................... 10
Theory of Operation ...................................................................... 18
Overview...................................................................................... 18
PLL Synthesizer and VCO......................................................... 18
Quadrature Demodulator.......................................................... 20
Variable Gain Amplifier (VGA) ............................................... 20
I2C Interface ................................................................................ 20
SPI Interface................................................................................ 22
Program Modes .......................................................................... 24
Register Map ................................................................................... 26
Register Map Summary ............................................................. 26
Register Bit Descriptions........................................................... 27
Suggested Power-Up Sequence..................................................... 30
Initial Register Write Sequence ................................................ 30
Evaluation Board ............................................................................ 31
General Description................................................................... 31
Hardware Description ............................................................... 31
PCB Schematic............................................................................ 33
PCB Artwork............................................................................... 34
Bill of Materials........................................................................... 35
Outline Dimensions....................................................................... 36
Ordering Guide .......................................................................... 36
REVISION HISTORY
10/10—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com