Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2108AUJZ-1.8-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP2108AUJZ-1.8-R7
Description  Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2108AUJZ-1.8-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP2108AUJZ-1.8-R7 Datasheet HTML 4Page - Analog Devices ADP2108AUJZ-1.8-R7 Datasheet HTML 5Page - Analog Devices ADP2108AUJZ-1.8-R7 Datasheet HTML 6Page - Analog Devices ADP2108AUJZ-1.8-R7 Datasheet HTML 7Page - Analog Devices ADP2108AUJZ-1.8-R7 Datasheet HTML 8Page - Analog Devices ADP2108AUJZ-1.8-R7 Datasheet HTML 9Page - Analog Devices ADP2108AUJZ-1.8-R7 Datasheet HTML 10Page - Analog Devices ADP2108AUJZ-1.8-R7 Datasheet HTML 11Page - Analog Devices ADP2108AUJZ-1.8-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADP2108
Data Sheet
Rev. G | Page 8 of 20
Figure 16. Line Transient, VOUT = 1.8 V, Power Save Mode, 20 mA
Figure 17. Line Transient, VOUT = 1.8 V, PWM, 200 mA
Figure 18. Line Transient, VOUT = 1.0 V, PWM, 200 mA
Figure 19. Line Transient, VOUT = 3.3 V, PWM, 200 mA
Figure 20. Load Transient, VOUT = 1.8 V, 300 mA to 600 mA
Figure 21. Load Transient, VOUT = 1.8 V, 50 mA to 300 mA
CH1 50mV
CH4 2V
CH3 1V
M 40µs
A CH3
3.26V
1
4
3
T 10.80%
VIN
SW
VOUT
CH1 20mV
CH4 2V
CH3 1V
M 40µs
A CH3
3.26V
1
4
3
T 10.80%
VIN
SW
VOUT
CH1 50mV
CH4 2V
CH3 1V
M 40µs
A CH3
3.26V
1
4
3
T 10.80%
VIN
SW
VOUT
CH1 50mV
CH4 2V
CH3 1V
M 40µs
A CH3
4.4V
1
4
3
T 10.80%
VIN
SW
VOUT
CH1 50mV
CH2 200mA
Ω
CH4 2V
M 40µs
A CH2
36mA
1
2
4
T 19.80%
SW
VOUT
IOUT
CH1 50mV
CH2 250mA
CH4 2V
M 40µs
A CH2
5mA
2
1
4
T 25.4%
SW
VOUT
IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com