Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2108AUJZ-2.3-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP2108AUJZ-2.3-R7
Description  Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2108AUJZ-2.3-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP2108AUJZ-2.3-R7 Datasheet HTML 12Page - Analog Devices ADP2108AUJZ-2.3-R7 Datasheet HTML 13Page - Analog Devices ADP2108AUJZ-2.3-R7 Datasheet HTML 14Page - Analog Devices ADP2108AUJZ-2.3-R7 Datasheet HTML 15Page - Analog Devices ADP2108AUJZ-2.3-R7 Datasheet HTML 16Page - Analog Devices ADP2108AUJZ-2.3-R7 Datasheet HTML 17Page - Analog Devices ADP2108AUJZ-2.3-R7 Datasheet HTML 18Page - Analog Devices ADP2108AUJZ-2.3-R7 Datasheet HTML 19Page - Analog Devices ADP2108AUJZ-2.3-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
ADP2108
Rev. G | Page 17 of 20
ORDERING GUIDE
Model1
Temperature Range
Output
Voltage (V)
Package Description
Package
Option
Branding
ADP2108ACBZ-1.0-R7
−40°C to +125°C
1.0
5-Ball Wafer Level Chip Scale Package [WLCSP]
CB-5-3
LA6
ADP2108ACBZ-1.1-R7
−40°C to +125°C
1.1
5-Ball Wafer Level Chip Scale Package [WLCSP]
CB-5-3
LA7
ADP2108ACBZ-1.2-R7
−40°C to +125°C
1.2
5-Ball Wafer Level Chip Scale Package [WLCSP]
CB-5-3
LA8
ADP2108ACBZ-1.3-R7
−40°C to +125°C
1.3
5-Ball Wafer Level Chip Scale Package [WLCSP]
CB-5-3
LA9
ADP2108ACBZ-1.5-R7
−40°C to +125°C
1.5
5-Ball Wafer Level Chip Scale Package [WLCSP]
CB-5-3
LAA
ADP2108ACBZ-1.8-R7
−40°C to +125°C
1.8
5-Ball Wafer Level Chip Scale Package [WLCSP]
CB-5-3
LAD
ADP2108ACBZ-1.82-R7
−40°C to +125°C
1.82
5-Ball Wafer Level Chip Scale Package [WLCSP]
CB-5-3
LAE
ADP2108ACBZ-2.3-R7
−40°C to +125°C
2.3
5-Ball Wafer Level Chip Scale Package [WLCSP]
CB-5-3
LAF
ADP2108ACBZ-2.5-R7
−40°C to +125°C
2.5
5-Ball Wafer Level Chip Scale Package [WLCSP]
CB-5-3
LAG
ADP2108ACBZ-3.0-R7
−40°C to +125°C
3.0
5-Ball Wafer Level Chip Scale Package [WLCSP]
CB-5-3
LD9
ADP2108ACBZ-3.3-R7
−40°C to +125°C
3.3
5-Ball Wafer Level Chip Scale Package [WLCSP]
CB-5-3
LAH
ADP2108AUJZ-1.0-R7
−40°C to +125°C
1.0
5-Lead Small Outline Package [TSOT]
UJ-5
LA6
ADP2108AUJZ-1.1-R7
−40°C to +125°C
1.1
5-Lead Small Outline Package [TSOT]
UJ-5
LA7
ADP2108AUJZ-1.2-R7
−40°C to +125°C
1.2
5-Lead Small Outline Package [TSOT]
UJ-5
LA8
ADP2108AUJZ-1.3-R7
−40°C to +125°C
1.3
5-Lead Small Outline Package [TSOT]
UJ-5
LA9
ADP2108AUJZ-1.5-R7
−40°C to +125°C
1.5
5-Lead Small Outline Package [TSOT]
UJ-5
LAA
ADP2108AUJZ-1.8-R7
−40°C to +125°C
1.8
5-Lead Small Outline Package [TSOT]
UJ-5
LAD
ADP2108AUJZ-1.82-R7
−40°C to +125°C
1.82
5-Lead Small Outline Package [TSOT]
UJ-5
LAE
ADP2108AUJZ-2.3-R7
−40°C to +125°C
2.3
5-Lead Small Outline Package [TSOT]
UJ-5
LAF
ADP2108AUJZ-2.5-R7
−40°C to +125°C
2.5
5-Lead Small Outline Package [TSOT]
UJ-5
LAG
ADP2108AUJZ-3.0-R7
−40°C to +125°C
3.0
5-Lead Small Outline Package [TSOT]
UJ-5
LD9
ADP2108AUJZ-3.3-R7
−40°C to +125°C
3.3
5-Lead Small Outline Package [TSOT]
UJ-5
LAH
ADP2108-1.0-EVALZ
1.0
Evaluation Board for 1.0 V [WLCSP]
ADP2108-1.1-EVALZ
1.1
Evaluation Board for 1.1 V [WLCSP]
ADP2108-1.2-EVALZ
1.2
Evaluation Board for 1.2 V [WLCSP]
ADP2108-1.3-EVALZ
1.3
Evaluation Board for 1.3 V [WLCSP]
ADP2108-1.5-EVALZ
1.5
Evaluation Board for 1.5 V [WLCSP]
ADP2108-1.8-EVALZ
1.8
Evaluation Board for 1.8 V [WLCSP]
ADP2108-1.82-EVALZ
1.82
Evaluation Board for 1.82 V [WLCSP]
ADP2108-2.3-EVALZ
2.3
Evaluation Board for 2.3 V [WLCSP]
ADP2108-2.5-EVALZ
2.5
Evaluation Board for 2.5 V [WLCSP]
ADP2108-3.0-EVALZ
3.0
Evaluation Board for 3.0 V [WLCSP]
ADP2108-3.3-EVALZ
3.3
Evaluation Board for 3.3 V [WLCSP]
ADP2108UJZ-REDYKIT
Evaluation Board for Fixed Output Voltage,
1.2 V and 3.3 V [TSOT]
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com