Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCRH5D18 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SCRH5D18
Description  Magnetically shielded construction, Excellent Power Density
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SCRH5D18 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SCRH5D18 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCRH5D18
500 Bayview Avenue, Inwood, NY 11096
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
www.signaltransformer.com
Sales@signaltransformer.com • techhelp@signaltransformer.com
113
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1. Magnetically shielded construction
2 Excellent Power Density
3 Engineered to Provide High Efficiency
CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SCRH5D18-3R3
3.3
10KHZ
50m
2.15
2.15
SCRH5D18-4R1
4.1
10KHZ
57m
1.95
1.95
SCRH5D18-5R4
5.4
10KHZ
76m
1.60
1.85
SCRH5D18-6R2
6.2
10KHZ
96m
1.40
1.75
SCRH5D18-8R9
8.9
10KHZ
116m
1.25
1.57
SCRH5D18-100
10
10KHZ
124m
1.20
1.41
SCRH5D18-120
12
10KHZ
153m
1.10
1.37
SCRH5D18-150
15
10KHZ
196m
0.97
1.34
SCRH5D18-180
18
10KHZ
210m
0.85
1.10
SCRH5D18-220
22
10KHZ
290m
0.80
1.00
SCRH5D18-270
27
10KHZ
330m
0.75
0.90
SCRH5D18-330
33
10KHZ
386m
0.65
0.81
SCRH5D18-390
39
10KHZ
520 m
0.57
0.77
SCRH5D18-470
47
10KHZ
595m
0.54
0..73
SCRH5D18-560
56
10KHZ
665m
0.50
0.65
SCRH5D18-680
68
10KHZ
840m
0.43
0.62
SCRH5D18-820
82
10KHZ
978m
0.41
0.55
SCRH5D18-101
100
10KHZ
1.20
0.36
0.50
(1). Inductance tolerance
±30% tested at 0.25V, 0ADC and 25℃
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 35% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ambient.
(3)
(4)
XXX
MARKING
10
100
1000
10
100
1000
BCRH5D18 I nduct ance decrease by current
10000
DC current (mA)
1
0. 1
100000
101
220
3R3
BCRH5D18 Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
50
70
40
60
30
20
10
2000
3000
500
1000
1500
3500
2500
0
101
220
3R3
SCRH5D18 Inductance decrease by current
DC current (mA)
DC current (mA)
SCRH5D18 Temperature rise by current
Custom versions available upon request.
©2011 Signal Transformer –Specification subject to change without notice. 07.11


Similar Part No. - SCRH5D18

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SCRH5D18 BEL-SCRH5D18 Datasheet
776Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D18-100 BEL-SCRH5D18-100 Datasheet
776Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D18-101 BEL-SCRH5D18-101 Datasheet
776Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D18-120 BEL-SCRH5D18-120 Datasheet
776Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D18-150 BEL-SCRH5D18-150 Datasheet
776Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
More results

Similar Description - SCRH5D18

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH10D48AA SUMIDA-CDRH10D48AA Datasheet
228Kb / 2P
Magnetically shielded construction
CDRH2D11 SUMIDA-CDRH2D11_13 Datasheet
136Kb / 4P
Magnetically shielded construction.
logo
List of Unclassifed Man...
SCRH6D28 ETC2-SCRH6D28 Datasheet
227Kb / 1P
Magnetically shielded construction, Excellent Power Density
logo
TOKO, Inc
181LY-102J TOKO-181LY-102J Datasheet
260Kb / 2P
Magnetically shielded construction
logo
AVX Corporation
LMXSF AVX-LMXSF Datasheet
91Kb / 4P
Magnetically Shielded Construction
LMXSL AVX-LMXSL Datasheet
86Kb / 2P
Magnetically Shielded Construction
logo
Bel Fuse Inc.
SCRH5D28 BEL-SCRH5D28 Datasheet
784Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28R BEL-SCRH5D28R Datasheet
772Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73 BEL-SCRH73 Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73B BEL-SCRH73B Datasheet
818Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com