Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCRH74 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SCRH74
Description  SMD POWER INDUCTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SCRH74 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SCRH74 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCRH74
500 Bayview Avenue, Inwood, NY 11096
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
www.signaltransformer.com
Sales@signaltransformer.com • techhelp@signaltransformer.com
124
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
Features
1. Magnetically shielded construction
2 Excellent Power Density
3 Engineered to Provide High Efficiency
ELECTRICAL CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SCRH74-100
10
1KHZ
53m
1.84
2.40
SCRH74-120
12
1KHZ
58m
1.71
2.21
SCRH74-150
15
1KHZ
81m
1.47
2.09
SCRH74-180
18
1KHZ
91m
1.31
1.81
SCRH74-220
22
1KHZ
0.11
1.23
1.73
SCRH74-270
27
1KHZ
0.15
1.12
1.60
SCRH74-330
33
1KHZ
0.17
0.96
1.36
SCRH74-390
39
1KHZ
0.23
0.91
1.26
SCRH74-470
47
1KHZ
0.26
0.88
1.18
SCRH74-560
56
1KHZ
0.35
0.75
1.05
SCRH74-680
68
1KHZ
0.38
0.69
1.04
SCRH74-820
82
1KHZ
0.43
0.61
0.91
SCRH74-101
100
1KHZ
0.61
0.60
0.75
SCRH74-121
120
1KHZ
0.66
0.52
0.70
SCRH74-151
150
1KHZ
0.88
0.46
0.65
SCRH74-181
180
1KHZ
0.98
0.42
0.60
SCRH74-221
220
1KHZ
1.17
0.36
0.55
SCRH74-271
270
1KHZ
1.64
0.34
0.55
SCRH74-331
330
1KHZ
1.86
0.32
0.47
SCRH74-391
390
1KHZ
2.85
0.29
0.42
SCRH74-471
470
1KHZ
3.01
0.26
0.38
SCRH74-561
560
1KHZ
3.62
0.23
0.32
SCRH74-681
680
1KHZ
4.63
0.22
0.30
SCRH74-821
820
1KHZ
5.20
0.20
0.25
SCRH74-102
1000
1KHZ
6.00
0.18
0.25
(1). Inductance tolerance
±20% tested at 0.25V, 0ADC and 25℃
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 25% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ambient.
(3)
(4)
XXX
MARKING
1
10
100
1000
100
1000
10000
10
BCRH74 I nduct ance decrease by current
100000
DC current (mA)
10000
102
101
100
500
1000 1500
2000
2500 3000 3500
0
4000
BCRH74 Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
70
60
50
40
30
20
10
4500
100
101
102
SCRH74 Inductance decrease by current
DC current (mA)
DC current (mA)
SCRH74 Temperature rise by current
Custom versions available upon request.
©2011 Signal Transformer –Specification subject to change without notice. 07.11


Similar Part No. - SCRH74

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SCRH74 BEL-SCRH74 Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH74-100 BEL-SCRH74-100 Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH74-101 BEL-SCRH74-101 Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH74-102 BEL-SCRH74-102 Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH74-120 BEL-SCRH74-120 Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
More results

Similar Description - SCRH74

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
SMD POWER INDUCTORS
logo
Bourns Electronic Solut...
SDR1305 BOURNS-SDR1305 Datasheet
207Kb / 2P
SMD Power Inductors
logo
Superworld Electronics
PDB1011 SUPERWORLD-PDB1011 Datasheet
496Kb / 6P
SMD POWER INDUCTORS
SPC5010FT SUPERWORLD-SPC5010FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPC5020FT SUPERWORLD-SPC5020FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPH4018FT SUPERWORLD-SPH4018FT Datasheet
236Kb / 5P
SMD POWER INDUCTORS
SPI4015 SUPERWORLD-SPI4015 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
SPI4018 SUPERWORLD-SPI4018 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com